Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TP5700AM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP5700AM
Description  Telephone Speech Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP5700AM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  TP5700AM Datasheet HTML 1Page - National Semiconductor (TI) TP5700AM Datasheet HTML 2Page - National Semiconductor (TI) TP5700AM Datasheet HTML 3Page - National Semiconductor (TI) TP5700AM Datasheet HTML 4Page - National Semiconductor (TI) TP5700AM Datasheet HTML 5Page - National Semiconductor (TI) TP5700AM Datasheet HTML 6Page - National Semiconductor (TI) TP5700AM Datasheet HTML 7Page - National Semiconductor (TI) TP5700AM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Connection Diagram
Dual-In-Line Package
TLH5201 – 5
Top View
Order Number TP5700AM or TP5700AN
See NS Package M16B or N16A
Pin Descriptions
Pins 1 2
RCV0a and RCV0b
The push-pull complementary outputs of the receive amplifi-
er Dynamic transducers with a minimum impedance of 100
X
can be directly driven by these outputs
Pin 3
Vb
This is the negative supply input to the device and should be
connected to the negative output of the polarity guard All
other voltages on the device are referred to this pin
Pin 4
ST
This is the output of the Sidetone cancellation signal which
requires a balance impedance of approximately 10 times
the subscriber’s line impedance to be connected from this
pin to Va (pin 13)
Pin 5
XDI
The input to the line output driver amplifier Transmit AGC is
applied in this stage
Pin 6
XPO
This is the transmit pre-amp output which is normally capac-
itively coupled to pin 5
Pin 7
MIC IN1
This is the inverting input to the transmit pre-amplifier and is
intended to be capacitively coupled to an FET-buffered
electret microphone
Pin 8
DTMF IN
The DTMF input which has an internal resistor to Vb to
provide the emitter load resistor for a CMOS DTMF genera-
tor This input is only active when MUTE IN (pin 9) is pulled
high
Pin 9
MUTE IN
The MUTE Input which must be pulled at least 15V higher
than Vb to mute MIC IN and enable DTMF IN
Pin 10
VREG1
The regulated output for biasing a pulse dialer or DTMF
generator A 47 mF decoupling capacitor to Vb should be
fitted if this output is used
Pin 11
VREG2
A 12V regulated output suitable for powering a low-voltage
electret microphone A 1mF decoupling capacitor to Vb
should be fitted if this output is used
Pin 12
RCV IN
The receive AGC amplifier input
Pin 13
Va
This is the positive supply input to the device and should be
connected to the positive output of the polarity guard The
current through this pin is modulated by the transmit signal
Pin 14
RDC
An external 1W resistor is required from this pin to Vb to
control the DC input impedance of the circuit The nominal
value is 56X for low voltage operation Values up to 82X
may be used to increase the available transmit output volt-
age swing at the expense of low voltage operation
Pin 15
VBIAS
This internal voltage bias line must be connected to Va via
an external resistor Ro and decoupled to Vb with a 22 mF
capacitor Ro dominates the AC input impedance of the cir-
cuit and should be 620X for a 600X input impedance or
910X for a 900X input impedance
Pin 16
RAGC
The range of transmit and receive gain variations between
short and long loops may be adjusted by connecting a resis-
tor from this pin to Vb (pin 3)
Figure 3 shows the relation-
ship between the resistor value and the AGC range This pin
may be left open-circuit to defeat AGC action
TLH5201 – 7
FIGURE 3
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com