Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC16F15213T-I/P Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC16F15213T-I/P
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/P Datasheet(HTML) 2 Page - Microchip Technology

  PIC16F15213T-I/P Datasheet HTML 1Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 2Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 3Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 4Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 5Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 6Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 7Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 8Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 439 page
background image
Table 2. Devices Not Included in This Data Sheet
PIC16F15225
14K
1024
Y/Y
12/Y
1/2
2/2
9/2
1
1
Y
1
12
Y
PIC16F15245
14K
1024
Y/Y
18/Y
1/2
2/2
12/2
1
1
Y
1
18
Y
PIC16F15254
7K
512
Y/Y
26/Y
1/2
2/2
17/2
1
1
Y
1
25
Y
PIC16F15255
14K
1024
Y/Y
26/Y
1/2
2/2
17/2
1
1
Y
1
25
Y
PIC16F15256
28K
2048
Y/Y
26/Y
1/2
2/2
17/2
1
1
Y
1
25
Y
PIC16F15274
7K
512
Y/Y
36/Y
1/2
2/2
28/2
1
1
Y
1
25
Y
PIC16F15275
14K
1024
Y/Y
36/Y
1/2
2/2
28/2
1
1
Y
1
25
Y
PIC16F15276
28K
2048
Y/Y
36/Y
1/2
2/2
28/2
1
1
Y
1
25
Y
Notes: 
1.
Total I/O count includes one pin (MCLR) that is input-only.
2.
Timer0 can be configured as either an 8 or 16-bit timer.
Core Features
• C Compiler Optimized RISC Architecture
• Operating Speed:
– DC – 32 MHz clock input
– 125 ns minimum instruction time
• 16-Level Deep Hardware Stack
• Low-Current Power-on Reset (POR)
• Configurable Power-up Timer (PWRT)
• Brown-out Reset (BOR)
• Watchdog Timer (WDT)
Memory
• Up to 28 KB of Program Flash Memory
• Up to 2 KB of Data SRAM Memory
• Memory Access Partition (MAP): The Program Flash Memory Can Be Partitioned into:
– Application Block
– Boot Block
– Storage Area Flash (SAF) Block
• Programmable Code Protection and Write Protection
• Device Information Area (DIA) Stores:
– Fixed Voltage Reference (FVR) measurement data
– Microchip Unique Identifier
• Device Characteristics Area (DCI) Stores:
PIC16F15213/14/23/24/43/44
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com