Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC16F15213T-I/P Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F15213T-I/P
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/P Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F15213T-I/P Datasheet HTML 17Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 18Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 19Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 20Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 21Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 22Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 23Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 24Page - Microchip Technology PIC16F15213T-I/P Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 439 page
background image
7.2
16-Level Stack with Overflow and Underflow
These devices have a hardware stack memory 15 bits wide and 16 words deep. A Stack Overflow or Underflow will
set the appropriate bit (STKOVF or STKUNF), and if enabled, will cause a software Reset.
7.3
File Select Registers
There are two 16-bit File Select Registers (FSR). FSRs can access all file registers and program memory, which
allows one Data Pointer for all memory. When an FSR points to program memory, there is one additional instruction
cycle in instructions using INDF to allow the data to be fetched. General purpose memory can also be addressed
linearly, providing the ability to access contiguous data larger than 80 bytes.
7.4
Instruction Set
There are 50 instructions for the enhanced mid-range CPU to support the features of the CPU. See the “Instruction
Set Summary” section for more details.
PIC16F15213/14/23/24/43/44
Enhanced Mid-Range CPU
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com