Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBT3904 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # MMBT3904
Description  NPN switching transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBT3904 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  MMBT3904 Datasheet HTML 1Page - Nexperia B.V. All rights reserved MMBT3904 Datasheet HTML 2Page - Nexperia B.V. All rights reserved MMBT3904 Datasheet HTML 3Page - Nexperia B.V. All rights reserved MMBT3904 Datasheet HTML 4Page - Nexperia B.V. All rights reserved MMBT3904 Datasheet HTML 5Page - Nexperia B.V. All rights reserved MMBT3904 Datasheet HTML 6Page - Nexperia B.V. All rights reserved MMBT3904 Datasheet HTML 7Page - Nexperia B.V. All rights reserved MMBT3904 Datasheet HTML 8Page - Nexperia B.V. All rights reserved MMBT3904 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2004 Feb 03
4
NXP Semiconductors
Product data sheet
NPN switching transistor
MMBT3904
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 µs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = 30 V
50
nA
IEBO
emitter cut-off current
IC = 0; VEB = 6 V
50
nA
hFE
DC current gain
VCE = 1 V; see Fig.2; note 1
IC = 0.1 mA
60
IC = 1 mA
80
IC = 10 mA
100
300
IC = 50 mA
60
IC = 100 mA
30
VCEsat
collector-emitter saturation
voltage
IC = 10 mA; IB = 1 mA
200
mV
IC = 50 mA; IB = 5 mA
300
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB = 1 mA
650
850
mV
IC = 50 mA; IB = 5 mA
950
mV
Cc
collector capacitance
IE = Ie = 0; VCB = 5 V; f = 1 MHz
4
pF
Ce
emitter capacitance
IC = Ic = 0; VBE = 500 mV;
f = 1 MHz
8
pF
fT
transition frequency
IC = 10 mA; VCE = 20 V;
f = 100 MHz
300
MHz
F
noise figure
IC = 100 µA; VCE = 5 V; RS = 1 kΩ;
f = 10 Hz to 15.7 kHz
5
dB
Switching times (between 10% and 90% levels); see Fig.3
td
delay time
ICon = 10 mA; IBon = 1 mA;
IBoff = −1 mA
35
ns
tr
rise time
35
ns
ts
storage time
200
ns
tf
fall time
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com