Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBT3904 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # MMBT3904
Description  NPN switching transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBT3904 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button MMBT3904 Datasheet HTML 2Page - Nexperia B.V. All rights reserved MMBT3904 Datasheet HTML 3Page - Nexperia B.V. All rights reserved MMBT3904 Datasheet HTML 4Page - Nexperia B.V. All rights reserved MMBT3904 Datasheet HTML 5Page - Nexperia B.V. All rights reserved MMBT3904 Datasheet HTML 6Page - Nexperia B.V. All rights reserved MMBT3904 Datasheet HTML 7Page - Nexperia B.V. All rights reserved MMBT3904 Datasheet HTML 8Page - Nexperia B.V. All rights reserved MMBT3904 Datasheet HTML 9Page - Nexperia B.V. All rights reserved MMBT3904 Datasheet HTML 10Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2004 Feb 03
6
NXP Semiconductors
Product data sheet
NPN switching transistor
MMBT3904
handbook, halfpage
MGU825
103
VCEsat
(mV)
102
10
IC (mA)
10−1
110
102
103
(1)
(2)
(3)
Fig.6
Collector-emitter saturation voltage as a
function of collector current.
IC/IB = 10.
(1) Tamb = 150 °C.
(2) Tamb = 25 °C.
(3) Tamb = −55 °C.
handbook, full pagewidth
RC
R2
R1
DUT
MLB826
Vo
RB
(probe)
450
(probe)
450
oscilloscope
oscilloscope
VBB
Vi
VCC
Fig.7 Test circuit for switching times.
Vi = 5 V; T = 500 µs; tp = 10 µs; tr = tf ≤ 3 ns.
R1 = 56
Ω; R2 = 2.5 kΩ; R
B = 3.9 kΩ; RC = 270 Ω.
VBB = −1.9 V; VCC = 3 V.
Oscilloscope: input impedance Zi = 50 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com