Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASM330LHB Datasheet(PDF) 78 Page - STMicroelectronics

Part # ASM330LHB
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHB Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ASM330LHB Datasheet HTML 74Page - STMicroelectronics ASM330LHB Datasheet HTML 75Page - STMicroelectronics ASM330LHB Datasheet HTML 76Page - STMicroelectronics ASM330LHB Datasheet HTML 77Page - STMicroelectronics ASM330LHB Datasheet HTML 78Page - STMicroelectronics ASM330LHB Datasheet HTML 79Page - STMicroelectronics ASM330LHB Datasheet HTML 80Page - STMicroelectronics ASM330LHB Datasheet HTML 81Page - STMicroelectronics ASM330LHB Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 131 page
background image
11
Embedded functions register description
11.1
PAGE_SEL (02h)
Enable advanced features dedicated page (R/W)
Table 149. PAGE_SEL register
PAGE_SEL3
PAGE_SEL2
PAGE_SEL1
PAGE_SEL0
0(1)
0(1)
EMB_FUNC
_CLK_DIS
1(2)
1. This bit must be set to 0 for the correct operation of the device.
2. This bit must be set to 1 for the correct operation of the device.
Table 150. PAGE_SEL register description
PAGE_SEL[3:0]
Selects the advanced features dedicated page. Default value: 0000
EMB_FUNC_CLK_DIS
Disables the embedded functions clock. Default value: 0
(0: clock enabled; 1: clock disabled)
11.2
EMB_FUNC_EN_B (05h)
Enable embedded functions register (R/W)
Table 151. EMB_FUNC_EN_B register
0(1)
0(1)
0(1)
MLC_EN
0(1)
0(1)
0(1)
FSM_EN
1. This bit must be set to 0 for the correct operation of the device.
Table 152. EMB_FUNC_EN_B register description
MLC_EN
Enables machine learning core feature. Default value: 0
(0: machine learning core feature disabled;
1: machine learning core feature enabled)
FSM_EN
Enables finite state machine (FSM) feature. Default value: 0
(0: FSM feature disabled; 1: FSM feature enabled)
11.3
PAGE_ADDRESS (08h)
Page address register (R/W)
Table 153. PAGE_ADDRESS register
PAGE_
ADDR7
PAGE_
ADDR6
PAGE_
ADDR5
PAGE_
ADDR4
PAGE_
ADDR3
PAGE_
ADDR2
PAGE_
ADDR1
PAGE_
ADDR0
Table 154. PAGE_ADDRESS register description
PAGE_ADDR[7:0]
After setting the bit PAGE_WRITE / PAGE_READ in register PAGE_RW (17h), this register is used to set
the address of the register to be written/read in the advanced features page selected through the bits
PAGE_SEL[3:0] in register PAGE_SEL (02h).
ASM330LHB
Embedded functions register description
DS13773 - Rev 7
page 78/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com