Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASM330LHB Datasheet(PDF) 1 Page - STMicroelectronics

Part # ASM330LHB
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHB Datasheet(HTML) 1 Page - STMicroelectronics

  ASM330LHB Datasheet HTML 1Page - STMicroelectronics ASM330LHB Datasheet HTML 2Page - STMicroelectronics ASM330LHB Datasheet HTML 3Page - STMicroelectronics ASM330LHB Datasheet HTML 4Page - STMicroelectronics ASM330LHB Datasheet HTML 5Page - STMicroelectronics ASM330LHB Datasheet HTML 6Page - STMicroelectronics ASM330LHB Datasheet HTML 7Page - STMicroelectronics ASM330LHB Datasheet HTML 8Page - STMicroelectronics ASM330LHB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 131 page
background image
Features
AEC-Q100 qualified
Extended temperature range from -40 to +105 °C
Embedded compensation for high stability over temperature
Android compliant
Accelerometer user-selectable full scale up to ±16 g
Extended gyroscope range from ±125 to ±4000 dps
Dual operating modes: high-performance and low-power mode
I²C, MIPI I3CSM, and SPI serial interfaces
Six-channel synchronized output to enhance accuracy of dead-reckoning
algorithms
Programmable finite state machine
Machine learning core
Smart programmable interrupts
Embedded 3 KB FIFO available to underload host processor
ECOPACK and RoHS compliant
Applications
Satellite precise positioning
Vehicle-to-everything (V2X)
ADAS systems
Active suspension
Radar, lidar, and camera digital stabilization
Door/trunk modules
Motion-activated functions
Description
The ASM330LHB is a system-in-package featuring a 3-axis digital accelerometer and
a 3-axis digital gyroscope with an extended temperature range up to +105 °C.
A safety manual and a software library, certified according to ISO26262:2018, are
provided to support the development of applications using the ASM330LHB and
targeting ASIL-B requirements.
ST’s family of MEMS sensor modules leverages the robust and mature
manufacturing processes already used for the production of micromachined
accelerometers and gyroscopes to serve both the automotive and consumer market.
The ASM330LHB is AEC-Q100 compliant and industrialized through a dedicated
MEMS production flow to meet automotive reliability standards. All the parts are fully
tested with respect to temperature to ensure the highest quality level.
The sensing elements are manufactured using ST’s proprietary micromachining
processes, while the IC interfaces are developed using CMOS technology that allows
the design of a dedicated circuit, which is trimmed to better match the characteristics
of the sensing element.
Product status link
ASM330LHB
Product summary
Order code
ASM330LHBTR
Temp. range
[°C]
-40 to +105
Package
LGA-14L
(2.5 x 3.0 x 0.83 mm3)
Packing
Tape and reel
Product resources
TN0018 (Design and soldering)
Product labels
High-accuracy automotive 6-axis inertial module for car electronic control units
ASM330LHB
Datasheet
DS13773 - Rev 7 - February 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ASM330LHB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ASM330LHBG1 STMICROELECTRONICS-ASM330LHBG1 Datasheet
5Mb / 130P
High-accuracy 6-axis inertial measurement unit (IMU) with extended temperature range for ASIL B automotive applications
29-Nov-2023
More results

Similar Description - ASM330LHB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75372E SANYO-LC75372E Datasheet
481Kb / 18P
Electronic Volume Control for Car Stereo Systems
LC75373E SANYO-LC75373E Datasheet
718Kb / 21P
Electronic Volume Control for Car Stereo Systems
LC75374E SANYO-LC75374E Datasheet
383Kb / 17P
Electronic Volume and Tone Control for Car Stereos
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
Electronic Volume Control for Car Audio Systems
LC7538JM SANYO-LC7538JM Datasheet
283Kb / 13P
Electronic Volume Control System for Car Audio ?
logo
Analog Devices
ADIS16354 AD-ADIS16354 Datasheet
571Kb / 28P
High Precision Tri-Axis Inertial Sensor
REV. 0
logo
NIHON DEMPA KOGYO
NX3225SC NDK-NX3225SC Datasheet
99Kb / 1P
Crystal Units For Car Electronics
NX8045GD NDK-NX8045GD Datasheet
83Kb / 1P
Crystal Units For Car Electronics
logo
TDK Electronics
ICM-20789 TDK-ICM-20789 Datasheet
1Mb / 65P
7-Axis, High Performance Integrated 6-Axis Inertial and Barometric Pressure Sensor
logo
STMicroelectronics
ASM330LHH STMICROELECTRONICS-ASM330LHH Datasheet
1Mb / 84P
Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
06-May-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com