Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL320N4LF8 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL320N4LF8
Description  N-channel enhancement mode logic level 40 V, 0.8 mΩ max., 360 A, STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL320N4LF8 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL320N4LF8 Datasheet HTML 3Page - STMicroelectronics STL320N4LF8 Datasheet HTML 4Page - STMicroelectronics STL320N4LF8 Datasheet HTML 5Page - STMicroelectronics STL320N4LF8 Datasheet HTML 6Page - STMicroelectronics STL320N4LF8 Datasheet HTML 7Page - STMicroelectronics STL320N4LF8 Datasheet HTML 8Page - STMicroelectronics STL320N4LF8 Datasheet HTML 9Page - STMicroelectronics STL320N4LF8 Datasheet HTML 10Page - STMicroelectronics STL320N4LF8 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Figure 13. Typical reverse diode forward characteristics
GADG270120221214SDF
1.0
0.8
0.6
0.4
10
30
50
VSD
(V)
ISD (A)
TJ = -55 °C
TJ = 25 °C
TJ = 175 °C
20
40
60
0.5
0.7
0.9
Figure 14. Normalized on-resistance vs temperature
GADG270120221314RON
1.8
1.4
1.0
0.6
-75
-25
25
75
125
175
RDS(on)
(norm.)
TJ (°C)
VGS = 10 V
VGS = 4.5 V
ID = 60 A
0.8
1.2
1.6
2.0
Figure 15. Normalized gate threshold voltage vs
temperature
GADG270120221315VTH
1.10
1.00
0.90
0.80
0.70
0.60
0.50
0.40
-75
-25
25
75
125
175
VGS(th)
(norm.)
TJ (°C)
ID= 250 µA
1.20
Figure 16. Normalized V(BR)DSS vs temperature
GADG270120221316BDV
1.08
1.06
1.04
1.02
1.00
0.98
0.96
0.94
0.92
0.90
-75
-25
25
75
125
175
V(BR)DSS
(norm.)
TJ (°C)
ID = 1 mA
STL320N4LF8
Electrical characteristics (curves)
DS13908 - Rev 2
page 7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com