Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DA9080 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # DA9080
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9080 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button DA9080 Datasheet HTML 7Page - Renesas Technology Corp DA9080 Datasheet HTML 8Page - Renesas Technology Corp DA9080 Datasheet HTML 9Page - Renesas Technology Corp DA9080 Datasheet HTML 10Page - Renesas Technology Corp DA9080 Datasheet HTML 11Page - Renesas Technology Corp DA9080 Datasheet HTML 12Page - Renesas Technology Corp DA9080 Datasheet HTML 13Page - Renesas Technology Corp DA9080 Datasheet HTML 14Page - Renesas Technology Corp DA9080 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
11 of 51
© 2022 Renesas Electronics
Parameter
Description
Conditions
Min
Typ
Max
Unit
VOUT_STP
Output voltage
programable step
20
mV
VOUT_ACC_DFLT
Accuracy of default
output voltage
In PWM mode
VOUT = 3.3 V
IOUT = 1 A
3.267
3.3
3.33
V
VOUT_ACC_LINE
Static line regulation
0.5
%/V
VOUT_ACC_LD
Static load regulation
In PWM mode
IOUT = 1.5 A
0.1
%/A
VOUT_ACC_ACDC
Output voltage accuracy,
including PWM/PFM
ripple and load transient
VOUT = 3.3 V
COUT
= 2 x 47 μF
Load transient 1: from
0.5*IMAX to IMAX in 0.2
A/μs
Load transient 2: from 50 mA
to 0.5*IMAX in 0.2
A/μs
IMAX = 1.5 A
VIN = 5.0 V
TA = 25 °C
-2
3
%
IPOSLIM
Positive over-current limit
threshold
3
4
A
VTHR_OVP_RISE
Over-voltage protection
threshold
200
300
400
mV
VTHR_UVP_FALL
Under-voltage protection
threshold
-400
-300
-200
mV
RDCHG
Discharge resistance for
LX node
67
Ω
tON_MIN
Buck LX minimum on
time
20
ns
SRSS
Soft start slew rate
2.5
mV/μs
SRSDCHG
Soft discharge slew rate
2.5
mV/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com