Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DA9080 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA9080
Description  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9080 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA9080 Datasheet HTML 17Page - Renesas Technology Corp DA9080 Datasheet HTML 18Page - Renesas Technology Corp DA9080 Datasheet HTML 19Page - Renesas Technology Corp DA9080 Datasheet HTML 20Page - Renesas Technology Corp DA9080 Datasheet HTML 21Page - Renesas Technology Corp DA9080 Datasheet HTML 22Page - Renesas Technology Corp DA9080 Datasheet HTML 23Page - Renesas Technology Corp DA9080 Datasheet HTML 24Page - Renesas Technology Corp DA9080 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
DA9080
High Current, Highly Configurable System
PMIC with Four Bucks and One LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
21 of 51
© 2022 Renesas Electronics
Parameter
Description
Conditions
Min
Typ
Max
Unit
VTHR_RISE_ACC
Input voltage good threshold
accuracy
-2
2
%
VTHR_HYS
Input voltage good hysteresis
0.2
V
TTHR_SHDN
Thermal shutdown threshold
130
140
150
°C
TTHR_SHDN_HYS
Thermal shutdown hysteresis
15
°C
tFLT_DEB
Fault detect debounce time
OVP and UVP
10
μs
tHICCUP
Hiccup restart delay
64
ms
tPG
Individual supply PG delay
2
ms
tPG1_2
PG1 and PG2 pins PG delay
10
ms
5.5.8
Quiescent Current Characteristics
Table 14: Quiescent Current Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
IVSYS_SHDN
Total current of VSYS pin
SHUTDOWN mode
VSYS = 5 V
VDDIO = 0 V
TA = -40 °C to 85 °C
EN = L or
FORCE_DISABLE = H
CH<x> = All OFF
10
30
μA
IPVINx_SHDN
Total current from PVIN1,
PVIN2, PVIN3, and PVIN4
pins
SHUTDOWN mode
VSYS = 5 V
VDDIO = 0 V
TA = -40 °C to 85 °C
EN = L or
FORCE_DISABLE = H
CH<x> = All OFF
0
10
μA
ILDOIN_SHDN
Total current of LDOIN pin
SHUTDOWN mode
VSYS = 5 V
VDDIO = 0 V
TA = -40 °C to 85 °C
EN = L or
FORCE_DISABLE = H
CH<x> = All OFF
0
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com