Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL6324A Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ISL6324A
Description  Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6324A Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ISL6324A Datasheet HTML 31Page - Renesas Technology Corp ISL6324A Datasheet HTML 32Page - Renesas Technology Corp ISL6324A Datasheet HTML 33Page - Renesas Technology Corp ISL6324A Datasheet HTML 34Page - Renesas Technology Corp ISL6324A Datasheet HTML 35Page - Renesas Technology Corp ISL6324A Datasheet HTML 36Page - Renesas Technology Corp ISL6324A Datasheet HTML 37Page - Renesas Technology Corp ISL6324A Datasheet HTML 38Page - Renesas Technology Corp ISL6324A Datasheet HTML 39Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
ISL6324A Hybrid SVI/PVI with I2C
FN6880 Rev 1.00
Page 39 of 39
May 14, 2010
Package Outline Drawing
L48.7x7
48 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 4, 10/06
located within the zone indicated. The pin #1 indentifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
7.00
B
A
(4X)
0.15
INDEX AREA
PIN 1
TOP VIEW
PIN #1 INDEX AREA
44X 0.50
4X 5.5
48
37
4. 30 ± 0 . 15
1
36
25
48X 0 . 40± 0 . 1
4
M
0.10
C AB
13
24
BOTTOM VIEW
12
5
0 . 2 REF
0 . 00 MIN.
0 . 05 MAX.
DETAIL "X"
C
0 . 90 ± 0 . 1
BASE PLANE
SEE DETAIL "X"
C
C
0.08
SEATING PLANE
C
0.10
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
6
6
( 6 . 80 TYP )
(
4 . 30 )
( 48X 0 . 60 )
( 44X 0 . 5 )
( 48X 0 . 23 )
0.23 +0.07 / -0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com