Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL6324A Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL6324A
Description  Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6324A Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL6324A Datasheet HTML 17Page - Renesas Technology Corp ISL6324A Datasheet HTML 18Page - Renesas Technology Corp ISL6324A Datasheet HTML 19Page - Renesas Technology Corp ISL6324A Datasheet HTML 20Page - Renesas Technology Corp ISL6324A Datasheet HTML 21Page - Renesas Technology Corp ISL6324A Datasheet HTML 22Page - Renesas Technology Corp ISL6324A Datasheet HTML 23Page - Renesas Technology Corp ISL6324A Datasheet HTML 24Page - Renesas Technology Corp ISL6324A Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
ISL6324A Hybrid SVI/PVI with I2C
FN6880 Rev 1.00
Page 21 of 39
May 14, 2010
If ISEN4- is tied to VCC, the controller will configure the
channel firing order and timing for 3-phase operation. If ISEN3-
and ISEN4- are tied to VCC, the controller will set the channel
firing order and timing for 2-phase operation (see “PWM
Operation” on page 12 for details). If Channel 4 and/or
Channel 3 are disabled, then the corresponding PWMn and
ISENn+ pins may be left unconnected
Soft-Start Output Voltage Targets
Once the POR and Phase Detect blocks and enable
comparator are satisfied, the controller will begin the soft-start
sequence and will ramp the CORE and NB output voltages up
to the SVI interface designated target level if the controller is
set SVI mode. If set to PVI mode, the North Bridge regulator is
disabled and the core is soft started to the level designated by
the parallel VID code.
SVI MODE
Prior to soft-starting both CORE and NB outputs, the ISL6324A
must check the state of the SVI interface inputs to determine
the correct target voltages for both outputs. When the
controller is enabled, the state of the VFIXEN, SVD and SVC
inputs are checked and the target output voltages set for both
CORE and NB outputs are set by the DAC (see “Serial VID
Interface (SVI)” on page 15). These targets will only change if
the EN signal is pulled low or after a POR reset of VCC.
Soft-Start
The soft-start sequence is composed of three periods, as
shown in Figure 11. At the beginning of soft-start, the DAC
immediately obtains the output voltage targets for both outputs
by decoding the state of the SVI or PVI inputs. A 100µs fixed
delay time, TDA, proceeds the output voltage rise. After this
delay period the ISL6324A will begin ramping both CORE and
NB output voltages to the programmed DAC level at a fixed
rate of 3.25mV/µs. The amount of time required to ramp the
output voltage to the final DAC voltage is referred to as TDB,
and can be calculated as shown in Equation 17.
After the DAC voltage reaches the final VID setting,
VDDPWRGD will be set to high.
.
Pre-Biased Soft-Start
The ISL6324A also has the ability to start up into a pre-charged
output, without causing any unnecessary disturbance. The FB
pin is monitored during soft-start, and should it be higher than
the equivalent internal ramping reference voltage, the output
drives hold both MOSFETs off.
Once the internal ramping reference exceeds the FB pin
potential, the output drives are enabled, allowing the output to
ramp from the pre-charged level to the final level dictated by the
DAC setting. Should the output be pre-charged to a level
exceeding the DAC setting, the output drives are enabled at the
end of the soft-start period, leading to an abrupt correction in the
output voltage down to the DAC-set level.
Both CORE and NB output support start up into a pre-charged
output.
(EQ. 17)
TDB
VDAC
3.25 10
3
–
------------------------------
=
FIGURE 11. SOFT-START WAVEFORMS
EN
100µs/DIV
VDDPWRGD
TDA
TDB
VCORE
VNB
400mV/DIV
400mV/DIV
5V/DIV
5V/DIV
FIGURE 12. SOFT-START WAVEFORMS FOR
ISL6324A-BASED MULTI-PHASE CONVERTER
OUTPUT PRECHARGED
BELOW DAC LEVEL
OUTPUT PRECHARGED
ABOVE DAC LEVEL
EN
VCORE
400mV/DIV
5V/DIV
100µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com