Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS393 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AS393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS393 Datasheet(HTML) 1 Page - Diodes Incorporated

  AS393 Datasheet HTML 1Page - Diodes Incorporated AS393 Datasheet HTML 2Page - Diodes Incorporated AS393 Datasheet HTML 3Page - Diodes Incorporated AS393 Datasheet HTML 4Page - Diodes Incorporated AS393 Datasheet HTML 5Page - Diodes Incorporated AS393 Datasheet HTML 6Page - Diodes Incorporated AS393 Datasheet HTML 7Page - Diodes Incorporated AS393 Datasheet HTML 8Page - Diodes Incorporated AS393 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AS393/393A
Document number: DS40539 Rev. 3 - 2
1 of 14
www.diodes.com
September 2018
© Diodes Incorporated
AS393/393A
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
Description
The AS393/393A consist of two independent precision voltage
comparators with a typical offset voltage of 1.0mV and high gain.
They are specifically designed to operate from a single power supply
over wide range of voltages. Operation from split power supply is also
possible and the low power supply current drain is independent of the
magnitude of the power supply voltage.
The AS393/393A series are compatible with industry standard 393.
AS393A has more stringent input offset voltage than AS393.
The AS393 is available in standard PDIP-8, SO-8, TSSOP-8 and
MSOP-8 packages, AS393A is available in standard PDIP-8 and SO-
8 packages.
Features
Wide Supply Voltage Range
Single Supply: 2V to 36V
Dual Supplies: ±1.0V to ±18V
Low Supply Current Drain: 0.6mA
Low Input Bias Current: 25nA (Typical)
Low Input Offset Current: ±5.0nA (Typical)
Low Input Offset Voltage: 1.0mV (Typical)
Input Common Mode Voltage Range Includes Ground
Differential Input Voltage Range Equals to the Power Supply
Voltage
Low Output Saturation Voltage: 200mV at 4mA
Open Collector Output
Lead-Free Packages: SO-8, TSSOP-8, PDIP-8
Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
Lead-
Free Packages, Available in “Green” Molding Compound:
SO-8, TSSOP-8, MSOP-8
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
8
7
6
5
OUTPUT1
INPUT1-
INPUT1+
OUTPUT2
INPUT2-
INPUT2+
VCC
GND
SO-8/TSSOP-8/MSOP-8
(Top View)
1
2
3
4
8
7
6
5
OUTPUT1
INPUT1-
INPUT1+
OUTPUT2
INPUT2-
INPUT2+
VCC
GND
PDIP-8
Applications
Battery Charger
Cordless Telephone
Switching Power Supply
DC-DC Module
PC Motherboard
Communication Equipment
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
Basic Comparator
Driving CMOS
+VIN
+VREF
1/2 AS393/A
VCC
3K
VO
+
-
100K
5V
+
-
4
8
1/2 AS393/A
+VIN
+VREF
VO


Similar Part No. - AS393

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AS393 BCDSEMI-AS393 Datasheet
165Kb / 11P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AS393,393A BCDSEMI-AS393,393A Datasheet
759Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
ams AG
AS3930 AMSCO-AS3930 Datasheet
1,008Kb / 33P
Single Channel Low Frequency Wakeup Receiver
AS3930 AMSCO-AS3930 Datasheet
491Kb / 32P
Single Channel Low Frequency Wakeup Receiver
More results

Similar Description - AS393

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com