Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS393 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AS393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS393 Datasheet(HTML) 2 Page - Diodes Incorporated

  AS393 Datasheet HTML 1Page - Diodes Incorporated AS393 Datasheet HTML 2Page - Diodes Incorporated AS393 Datasheet HTML 3Page - Diodes Incorporated AS393 Datasheet HTML 4Page - Diodes Incorporated AS393 Datasheet HTML 5Page - Diodes Incorporated AS393 Datasheet HTML 6Page - Diodes Incorporated AS393 Datasheet HTML 7Page - Diodes Incorporated AS393 Datasheet HTML 8Page - Diodes Incorporated AS393 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AS393/393A
Document number: DS40539 Rev. 3 - 2
2 of 14
www.diodes.com
September 2018
© Diodes Incorporated
AS393/393A
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
40
V
VID
Differential Input Voltage
40
V
VIN
Input Voltage
-0.3 to 40
V
IIN
Input Current (VIN < -0.3V) (Note 5)
50
mA
—
Output Short-Circuit Current to Ground
Continuous
—
PD
Power Dissipation (TA = +25°C)
PDIP-8
780
mW
SOIC-8
660
TSSOP-8
570
MSOP-8
450
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 Seconds)
+260
°C
Notes:
4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
5. This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP
transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN parasitic transistor
action on the IC chip. This transistor action can cause the output voltages of the comparators to go to the V+ voltage level (or to ground for a large
overdrive) for the time duration that an input is driven negative. This is not destructive and normal output states will re-establish when the input voltage,
which was negative, again returns to a value greater than -0.3 VDC (at +25°C).
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
2
36
V
TA
Operating Temperature Range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com