Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

7987R Datasheet(PDF) 1 Page - Belden Inc.

Part # 7987R
Description  NanoSkew™ 4-24 AWG pairs, CMR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7987R Datasheet(HTML) 1 Page - Belden Inc.

  7987R Datasheet HTML 1Page - Belden Inc. 7987R Datasheet HTML 2Page - Belden Inc. 7987R Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 7987R
NanoSkew™ 4-24 AWG pairs, CMR
Product Description
NanoSkew™ 24 AWG twisted pairs solid bare copper conductors, non-plenum, polyolefin insulation, skew 2.2ns/100m nominal, rip cord, PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
Zero Skew, Low Skew, RJ45, UTP Based Video Applications, Not for data transmission requiring TIA/EIA Category qualifications, RGB
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Pairs
24
Solid
BC - Bare Copper 4
Conductor Count:
8
Total Number of Pairs:
4
Insulation
Material
PO - Polyolefin
Bonded-Pair:
N/A
Color Chart
Number
Color
1
White/Blue Stripe & Blue
2
White/Orange Stripe & Orange
3
White/Green Stripe & Green
4
White/Brown Stripe & Brown
Outer Shield
Material
No Shield
Outer Jacket
Material
Nominal Diameter Ripcord
PVC - Polyvinyl Chloride 0.195 in
Yes
Electrical Characteristics
Conductor DCR
Max. Conductor DCR
90 Ohm/km
Impedance
Nominal Characteristic Impedance
100 Ohm
Delay


Similar Part No. - 7987R

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
798715D3 ADELS-798715D3 Datasheet
113Kb / 1P
AC 169 REST/ 5 M20 DALI blue
30/12/2019
logo
Amphenol Corporation
79875 AMPHENOL-79875 Datasheet
706Kb / 1P
TNC Plugs
79875 AMPHENOL-79875 Datasheet
706Kb / 1P
TNC Plugs
79875-RFX AMPHENOL-79875-RFX Datasheet
706Kb / 1P
TNC Plugs
79875-RFX AMPHENOL-79875-RFX Datasheet
706Kb / 1P
TNC Plugs
More results

Similar Description - 7987R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1348449 ETC2-1348449 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors
logo
Belden Inc.
10GX52F BELDEN-10GX52F Datasheet
258Kb / 4P
CAT6A (625MHz), 4 Nonbonded-Pairs, F/UTP, CMR
10GXS32 BELDEN-10GXS32 Datasheet
256Kb / 4P
Category 6A Enhanced (625MHz), 4 Bonded-Pairs, U/UTP, CMR
7988P BELDEN-7988P Datasheet
229Kb / 3P
Low Skew, Category 5e, 4-24 AWG pairs, CMP
2022 Belden, Inc
7988R BELDEN-7988R Datasheet
227Kb / 3P
Low Skew, Category 5e, 4-24 AWG pairs, CMR
2022 Belden, Inc
1700A BELDEN-1700A Datasheet
179Kb / 3P
Category 5E Cable, 4 Bonded-Pairs, U/UTP, CMR
2022 Belden, Inc
7989P BELDEN-7989P Datasheet
265Kb / 3P
Low Skew, Category 6, 4-24 AWG pairs, CMP
2022 Belden, Inc
7989R BELDEN-7989R Datasheet
264Kb / 3P
Low Skew, Category 6, 4-24 AWG pairs, CMR
2022 Belden, Inc
7987P BELDEN-7987P Datasheet
202Kb / 3P
NanoSkew™ 4-24 AWG pairs, CMP
12-20-2022
1802B BELDEN-1802B Datasheet
171Kb / 4P
Audio Cable, 2 Pair 24 AWG, TC, CMR
12-19-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com