Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

7987R Datasheet(PDF) 2 Page - Belden Inc.

Part # 7987R
Description  NanoSkew™ 4-24 AWG pairs, CMR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7987R Datasheet(HTML) 2 Page - Belden Inc.

  7987R Datasheet HTML 1Page - Belden Inc. 7987R Datasheet HTML 2Page - Belden Inc. 7987R Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nominal Velocity of Propagation (VP) [%] Typical Delay Skew
70%
0.007 ns/100m
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
Operating Temperature Range:
-20°C To +75°C
Mechanical Characteristics
Bulk Cable Weight:
18 lbs/1000ft
Max. Pull Tension:
40 lbs
Min. Bend Radius/Minor Axis:
0.2 in
Standards
NEC/(UL) Compliance:
CMR
CEC/C(UL) Compliance:
CMG
CPR Euroclass:
Eca
Applicable Environmental and Other Programs
Environmental Space:
Indoor - Riser
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2 amendment): Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
No
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Indoor:
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
UL1666 Riser
IEC Flammability:
IEC 60332-1-2
UL voltage rating:
300 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
No
Plenum Number:
7987P
Related Part Numbers
Variants
Item #
Color
Put-Up Type Length
UPC
7987R 059U1000 Maroon UnReel
1,000 ft 612825192527
7987R 059U1640 Maroon UnReel
1,640 ft 612825192534
History
Update and Revision:
Revision Number: 0.444 Revision Date: 12-20-2022
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com