Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP1084 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP1084
Description  5A Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1084 Datasheet(HTML) 1 Page - Sipex Corporation

  SP1084 Datasheet HTML 1Page - Sipex Corporation SP1084 Datasheet HTML 2Page - Sipex Corporation SP1084 Datasheet HTML 3Page - Sipex Corporation SP1084 Datasheet HTML 4Page - Sipex Corporation SP1084 Datasheet HTML 5Page - Sipex Corporation SP1084 Datasheet HTML 6Page - Sipex Corporation SP1084 Datasheet HTML 7Page - Sipex Corporation SP1084 Datasheet HTML 8Page - Sipex Corporation SP1084 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image

Date: 7/26/06 Rev G
SP084 5A Low Dropout Linear Regulator
© 2006 Sipex Corporation
SP1084
general Description
The S
P1084 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 5A of load
current.
The series features on-chip thermal limiting which provides protection against any combination of overload and ambient
temperatures that would create excessive junction temperatures. It also includes a trimmed band-gap reference and a current
limiting circuit.
The S
P1084 is available in 1.5V, 1.8V, 2.5V, 2.85V, 3.3V and 5.0V versions. The fixed versions integrate the adjustment
resistors. It is also available in an adjustable versio n which can set the output voltage with two external resis tors.
The S
P1084 series is available in standard packages of TO-263-3, TO-220 and TO-252.
features
Low Dropout Voltage: 1.3V Typically at 5A
Current Limiting and Thermal Protection
Output Current: 5A
Current Limit: 6.5A
Operating Junction Temperature Range:0 to 125oC
Line Regulation: 0.015% (Typical)
Load Regulation: 0.2% (Typical)
Available in RoHS Compliant, Lead Free Packaging
Applications
High Efficiency Linear Regulators
Battery Chargers
Post Regulation for Switching Supply
Microprocessor Supply
Desktop PCs, RISC and Embedded Processors
Supply
Figure . Package Types of SP084
TO-252
TO-220
TO-263-3
TO-263-3
1
2
3
ADJ/GND
OUTPUT
INPUT
5A Low Dropout Linear Regulator
Solved by
TM


Similar Part No. - SP1084

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SP1080 SHUNYE-SP1080 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
logo
Gaomi Xinghe Electronic...
SP1080L GXELECTRONICS-SP1080L Datasheet
572Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Huixin Electr...
SP1080L HUIXIN-SP1080L Datasheet
98Kb / 2P
10.0Amp Surface Mounted Schottky Barrier Rectifiers
logo
Shanghai Shunye Electro...
SP1080L SHUNYE-SP1080L Datasheet
1Mb / 3P
LOW VF SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
3A Low Dropout Linear Regulator
More results

Similar Description - SP1084

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
5A Low-Dropout Linear Regulator
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
5A Low-Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com