Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP1084 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP1084
Description  5A Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1084 Datasheet(HTML) 4 Page - Sipex Corporation

  SP1084 Datasheet HTML 1Page - Sipex Corporation SP1084 Datasheet HTML 2Page - Sipex Corporation SP1084 Datasheet HTML 3Page - Sipex Corporation SP1084 Datasheet HTML 4Page - Sipex Corporation SP1084 Datasheet HTML 5Page - Sipex Corporation SP1084 Datasheet HTML 6Page - Sipex Corporation SP1084 Datasheet HTML 7Page - Sipex Corporation SP1084 Datasheet HTML 8Page - Sipex Corporation SP1084 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Date: 7/26/06 Rev G
SP084 5A Low Dropout Linear Regulator
© 2006 Sipex Corporation
electrical characteristics
Typicals and limits appearing in normal type apply for TJ = 25oC. Limits appearing in Boldface type apply over
Parameter
Symbol Conditions
Min
Typ
Max
Unit
Reference Voltage
VREF
SP1084-ADJ,
IOUT = 10mA, VIN -VOUT = 3V,
10mA IOUT 5A, 1.5V VIN - VOUT 5V
1.238
1.225
1.250
1.250
1.262
1.270
V
Output Voltage
VOUT
SP1084-1.5,
IOUT = 0mA, VIN = 4.5V,
10mA IOUT 5A, 3.1V VIN 6V
1.485
1.47
1.5
1.5
1.515
1.53
V
SP1084-1.8,
IOUT = 0mA, VIN = 4.8V,
10mA IOUT 5A, 3.4V VIN 6V
1.782
1.764
1.8
1.8
1.818
1.836
V
SP1084-2.5,
IOUT = 0mA, VIN = 5.5V,
10mA IOUT 5A, 4.1V VIN 7V
2.475
2.45
2.5
2.5
2.525
2.55
V
SP1084-2.85,
IOUT = 0mA, VIN = 6V,
10mA IOUT 5A, 4.5V VIN 8V
2.822
2.793
2.85
2.85
2.879
2.907
V
SP1084-3.3,
IOUT = 0mA, VIN = 6.3V,
10mA IOUT 5A, 4.9V VIN 8V
3.267
3.234
3.3
3.3
3.333
3.366
V
SP1084-5.0,
IOUT = 0mA, VIN = 8V,
10mA IOUT 5A, 6.6V VIN 10V
4.95
4.9
5
5
5.05
5.1
V
Line Regulation
VOUT
SP1084-ADJ,
IOUT = 10mA, 2.85V VIN 10V
0.015
0.035
0.2
0.2
%
SP1084-1.5,
IOUT = 10mA, 3.1V VIN 10V
0.5
1
6
6
mV
SP1084-1.8,
IOUT = 10mA, 3.4V VIN 10V
0.5
1
6
6
mV
SP1084-2.5,
IOUT = 10mA, 4.1V VIN 10V
0.5
1
6
6
mV
SP1084-2.85,
IOUT = 10mA, 4.5V VIN 10V
0.5
1
6
6
mV
SP1084-3.3,
IOUT = 10mA, 4.9V VIN 10V
0.5
1
6
6
mV
SP1084-5.0,
IOUT = 10mA, 6.6V VIN 10V
0.5
1
10
10
mV
the entire operating junction temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com