Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HDMP-1637A Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HDMP-1637A
Description  Gigabit Ethernet SerDes Circuit with Differential PECL Clock Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1637A Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HDMP-1637A Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDMP-1637A Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDMP-1637A Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-1637A Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-1637A Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-1637A Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-1637A Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-1637A Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1637A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Figure 4. Transmitter Latency.
Figure 3. Transmitter Section Timing.
HDMP-1637A (Transmitter Section)
Timing Characteristics
TA = 0°C to +70°C, VCC = 3.15 V to 3.45 V
Symbol
Parameter
Units
Min.
Typ.
Max.
tsetup
Setup Time
nsec
1.5
thold
Hold Time
nsec
1.0
t_txlat[1]
Transmitter Latency
nsec
3.5
bits
4.4
Note:
1. The transmitter latency, as shown in Figure 4, is defined as the time between the latching in of the parallel data word (as triggered
by the rising edge of the transmit byte clock, REFCLK) and the transmission of the first serial bit of that parallel word (defined by
the rising edge of the first bit transmitted).
DATA
DATA
TX[9]-TX[0]
tSETUP
tHOLD
REFCLK
DATA
DATA
DATA
0.0 V AC
2.0 V
0.8 V
DATA BYTE B
DATA BYTE C
TX[0]-TX[9]
DATA BYTE A
± DOUT
0.0 V AC
DATA BYTE B
t_TXLAT
T5
T6
T7
T8
T9
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
T0
T1
T2
T3
T4
T5
REFCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com