Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HDMP-1637A Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HDMP-1637A
Description  Gigabit Ethernet SerDes Circuit with Differential PECL Clock Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1637A Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1637A Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-1637A Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-1637A Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-1637A Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-1637A Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1637A Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-1637A Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-1637A Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-1637A Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
HDMP-1637A (TRx)
AC Electrical Specifications
TA= 0°C to +70°C, VCC = 3.15 V to 3.45 V
Symbol
Parameter
Units
Min.
Typ.
Max.
tr,REFCLK
+REFCLK/-REFCLK Rise Time, 20% to 80%
ns
0.6
tf,REFCLK
+REFCLK/-REFCLK Fall Time, 80% to 20%
ns
0.6
tr,TTLout
Output TTL Rise Time, 0.8 to 2.0 volts, 10pF Load
ns
0.8
2.4
tf,TTLout
Output TTL Fall Time, 2.0 to 0.8 volts, 10pF Load
ns
0.5
2.4
trs, HS_OUT
HS_OUT Single-Ended (+DOUT) Rise Time
ps
85
327
tfs,HS_OUT
HS_OUT Single-Ended (+DOUT) Fall Time
ps
85
327
trd, HS_OUT
HS_OUT Differential Rise Time
ps
85
327
tfd,HS_OUT
HS_OUT Differential Fall Time
ps
85
327
VIP,HS_IN
HS_IN Input Peak-To-Peak Differential Voltage
mV
200
1200
2000
VOP,HS_OUT[1] HS_OUT Output Pk-Pk Diff. Voltage (Z0=50 Ohms, Fig.10)
mV
1200
1600
2200
Note:
1. Output Peak-to-Peak Differential Voltage specified as DOUT+ minus DOUT-.
HDMP-1637A (TRx)
PECL DC Electrical Specifications for REFCLK
TA = 0°C to +70°C, VCC = 3.15 V to 3.45 V
Symbol
Parameter
Unit
Min.
Typ.
Max.
VIH,PECL
PECL Input High Voltage Level
V
2.14
2.42
VIL,PECL
PECL Input Low Voltage Level
V
1.49
1.82
Figure 7. Eye Diagram of a High Speed Differential Output.
130.3664 ns
RISETIME (f2) < 1 ps
FALLTIME (f2) < 1 ps
120.0 ps/div
X1
X2
CURRENT
Y
X
1 (f2) = –637.00 mV
2 (f2) = 636.00 mV
∆ = 1.27300 V
1/
∆X =
130.549 ns
131.349 ns
800 ps
1.250 GHz
WAVEFORM MATH
f1 = 3 – 4
f2 = 1 – 2
FUNCTION
f2
f1
DEFINE
FUNCTION...
DISPLAY
on
off
VERTICAL SCALE
manual
auto
Y SCALE
Y OFFSET
250 mV/div
0.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com