Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9DB102 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS9DB102
Description  Two Output Differential Buffer for PCIe Gen1 & Gen2
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB102 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS9DB102 Datasheet HTML 1Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 2Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 3Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 4Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 5Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 6Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 7Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 8Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IDT®
Two Output Differential Buffer for PCIe Gen1 & Gen2
852
REV Q 08/27/13
ICS9DB102
Two Output Differential Buffer for PCIe Gen1 & Gen2
5
Electrical Characteristics - PLL Parameters
TA = Tambient; Supply Voltage VDD = 3.3 V +/-5%
Group
Parameter
Description
Min
Typ
Max
Units
Notes
PLL Jitter Peaking
jpeak-hibw
(PLL_BW = 1)
0
1
2.5
dB
1,4
PLL Jitter Peaking
jpeak-lobw
(PLL_BW = 0)
0
1
2
dB
1,4
PLL Bandwidth
pllHIBW
(PLL_BW = 1)
2
2.5
3
MHz
1,5
PLL Bandwidth
pllLOBW
(PLL_BW = 0)
0.4
0.5
1
MHz
1,5
PCIe Gen 1 phase jitter
(1.5 - 22 MHz)
40
108
ps
1,2,3
PCIe Gen 2 jitter
(8-16 MHz, 5-16 MHz) Hi-Band >1.5MHz
(PLL_BW=1)
2.7
3.1
ps rms
1,2,3
PCIe Gen 2 jitter
(8-16 MHz, 5-16 MHz) Hi-Band >1.5MHz
(PLL_BW=0)
2.2
3.1
ps rms
1,2,3
PCIe Gen 2 jitter
(8-16 MHz, 5-16 MHz) Lo-Band <1.5MHz
1.3
3
ps rms
1,2,3
NOTES:
1. Guaranteed by design and characterization, not 100% tested in production.
2. See http://www.pcisig.com for complete specs
3. Device driven by 932S421BGLF or equivalent
4. Measured as maximum pass band gain. At frequencies w ithin the loop BW, highest point of magnification is called PLL jitter peaking.
5. Measured at 3 db dow n or half pow er point.
Jitter, Phase
tjphasePLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com