Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9DB102 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS9DB102
Description  Two Output Differential Buffer for PCIe Gen1 & Gen2
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB102 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS9DB102 Datasheet HTML 6Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 7Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 8Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 9Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 10Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 11Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 12Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 13Page - Renesas Technology Corp ICS9DB102 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
IDT®
Two Output Differential Buffer for PCIe Gen1 & Gen2
852
REV Q 08/27/13
ICS9DB102
Two Output Differential Buffer for PCIe Gen1 & Gen2
11
MINMAX
MINMAX
A
1.35
1.75
.053
.069
A1
0.10
0.25
.004
.010
A2
--
1.50
--
.059
b
0.20
0.30
.008
.012
c
0.18
0.25
.007
.010
D
8.558.75.337.344
E
5.80
6.20
.228
.244
E1
3.80
4.00
.150
.157
e
L
0.40
1.27
.016
.050
N
a
0°8°0°
8°
ZD
20-Lead, 150 m il SSOP (QSOP)
1.47
.058
20
20
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS
0.635 BASIC
0.025 BASIC
COMMON DIMENSIONS
20-Pin SSOP Package Drawing and Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com