Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74FCT157ATSOG Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 74FCT157ATSOG
Description  FAST CMOS QUAD 2-INPUT MULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT157ATSOG Datasheet(HTML) 1 Page - Renesas Technology Corp

  74FCT157ATSOG Datasheet HTML 1Page - Renesas Technology Corp 74FCT157ATSOG Datasheet HTML 2Page - Renesas Technology Corp 74FCT157ATSOG Datasheet HTML 3Page - Renesas Technology Corp 74FCT157ATSOG Datasheet HTML 4Page - Renesas Technology Corp 74FCT157ATSOG Datasheet HTML 5Page - Renesas Technology Corp 74FCT157ATSOG Datasheet HTML 6Page - Renesas Technology Corp 74FCT157ATSOG Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74FCT157AT/CT/DT
FASTCMOSQUAD2-INPUTMULTIPLEXER
1
AUGUST 2009
INDUSTRIAL TEMPERATURE RANGE
© 2009 Integrated Device Technology, Inc.
DSC-5502/6
FEATURES:
• A, C, and D grades
• Low input and output leakage
≤≤≤≤≤1µA (max.)
• CMOS power levels
• True TTL input and output compatibility:
–VOH = 3.3V (typ.)
–VOL = 0.3V (typ.)
• High Drive outputs (-15mA IOH, 48mA IOL)
• Meets or exceeds JEDEC standard 18 specifications
• Power off disable outputs permit "live insertion"
• Available in SOIC and QSOP packages
FUNCTIONAL BLOCK DIAGRAM
IDT74FCT157AT/CT/DT
OBSOLETE PART
FAST CMOS
QUAD 2-INPUT
MULTIPLEXER
DESCRIPTION:
The FCT157T is a high-speed quad 2-input multiplexer built using an
advanced dual metal CMOS technology. Four bits of data from two sources
can be selected using the common select input. The four buffered outputs
present the selected data in the true (non-inverting) form.
The FCT157T has a common, active-low, enable input. When the
enableinputisnotactive,allfouroutputsareheldlow. Acommonapplication
of FCT157T is to move data from two different groups of registers to a
common bus. Another application is as a function generator. The FCT157T
can generate any four of the 16 different functions of two variables with one
variable common.
E
Three other multiplexers
Z A
Z B ZD
S
I1B I1D
I0B I0D
I1A
I0A
OBSOLETE
P
ART
NOT
RECOMMENDED
FOR
NEW
DESIGNS


Similar Part No. - 74FCT157ATSOG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT138 IDT-74FCT138 Datasheet
65Kb / 6P
FAST CMOS 1-OF-8 DECODER WITH ENABLE
logo
Texas Instruments
74FCT162240ATPACT TI-74FCT162240ATPACT Datasheet
127Kb / 11P
16-Bit Buffers/Line Drivers
74FCT162240ATPACT TI1-74FCT162240ATPACT Datasheet
476Kb / 13P
16-Bit Buffers/Line Drivers
74FCT162240CTPACT TI-74FCT162240CTPACT Datasheet
127Kb / 11P
16-Bit Buffers/Line Drivers
74FCT162240CTPACT TI1-74FCT162240CTPACT Datasheet
476Kb / 13P
16-Bit Buffers/Line Drivers
More results

Similar Description - 74FCT157ATSOG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX157 MOTOROLA-MC74LCX157 Datasheet
145Kb / 8P
LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
MC74LCX158 MOTOROLA-MC74LCX158 Datasheet
115Kb / 4P
LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX157 ONSEMI-MC74LCX157 Datasheet
145Kb / 8P
LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1997 REV 1
logo
Integrated Device Techn...
IDT74FCT157T IDT-IDT74FCT157T Datasheet
135Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDT54FCT257T IDT-IDT54FCT257T Datasheet
73Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
logo
Pericom Semiconductor C...
PI74FCT157T PERICOM-PI74FCT157T Datasheet
50Kb / 5P
Fast CMOS Quad 2-Input Multiplexer
logo
Integrated Device Techn...
IDT74FCT157AT IDT-IDT74FCT157AT Datasheet
73Kb / 6P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDTQS74FCT2157AT IDT-IDTQS74FCT2157AT Datasheet
74Kb / 6P
HIGH-SPEED CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX158 ONSEMI-MC74LCX158_12 Datasheet
159Kb / 8P
Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
logo
Renesas Technology Corp
IDT74FCT257AT RENESAS-IDT74FCT257AT Datasheet
282Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com