Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74FCT157ATSOG Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 74FCT157ATSOG
Description  FAST CMOS QUAD 2-INPUT MULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT157ATSOG Datasheet(HTML) 2 Page - Renesas Technology Corp

  74FCT157ATSOG Datasheet HTML 1Page - Renesas Technology Corp 74FCT157ATSOG Datasheet HTML 2Page - Renesas Technology Corp 74FCT157ATSOG Datasheet HTML 3Page - Renesas Technology Corp 74FCT157ATSOG Datasheet HTML 4Page - Renesas Technology Corp 74FCT157ATSOG Datasheet HTML 5Page - Renesas Technology Corp 74FCT157ATSOG Datasheet HTML 6Page - Renesas Technology Corp 74FCT157ATSOG Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74FCT157AT/CT/DT
FASTCMOSQUAD2-INPUTMULTIPLEXER
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +7
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–60 to +120
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage may exceed
Vcc by +0.5V unless otherwise noted.
2. Inputs and Vcc terminals only.
3. Output and I/O terminals only.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
SOIC/ QSOP
TOP VIEW
FUNCTION TABLE(1)
Inputs
Outputs
E
SI0
I1
Zx
HX
X
X
L
LH
X
L
L
LH
X
H
H
LL
L
X
L
LL
H
X
H
Pin Names
Description
I0A - I0D
Source 0 Data Inputs
I1A - I1D
Source 1 Data Inputs
E
Enable Input (Active LOW)
S
Select Input
ZA - ZD
Outputs
PIN DESCRIPTION
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High Impedance
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
S
I0A
GND
ZB
I0B
I1B
I1A
E
I0C
I1C
ZC
I0D
I1D
ZD
VCC
ZA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com