Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPR7000 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # MPR7000
Description  EPC Class 0/1 and 0 in PCMCIA Type II Pkg.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

MPR7000 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  MPR7000 Datasheet HTML 1Page - WJ Communication. Inc. MPR7000 Datasheet HTML 2Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WJ Communications
401 River Oaks Parkway, San Jose, CA 95134
WWW.WJ.COM
Technical Specifications
Operating Frequency
UHF 902-928 MHz (U.S. ISM)
Frequency Hopping
Protocol Support
1.0W Transmit Power
EPC Class 0 and Class 1
Class 0+ Protocol
Regulatory Compliance
FCC Part 15 Certified by WJ
Power Supply
5VDC Nominal
300mA Typical Average Current
1500mA Peak Current
Temperature
0 to 40 C Operating
-20 to 70 C Storage
Multi-Protocol MPR 7000 RFID Card



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com