Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPR7000 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # MPR7000
Description  EPC Class 0/1 and 0 in PCMCIA Type II Pkg.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

MPR7000 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  MPR7000 Datasheet HTML 1Page - WJ Communication. Inc. MPR7000 Datasheet HTML 2Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Multi-Protocol MPR 7000 RFID Card
EPC Class 0/1 and 0+ in PCMCIA Type II Pkg.
Compact
Efficient
Low Cost
WJ Communications
401 River Oaks Parkway, San Jose, CA 95134
WWW.WJ.COM
Product Features
Serial Interface Using 68-Pin PCMCIA Connector
Multi Protocol
EPC Class 0 (read)
EPC Class 1 (read and program)
Class 0+ (read and program)
Firmware Upgrade (UHF G2 & others)
Multiple Antenna Ports
Two Separate Antennas
50 Ohm MMCX Coax Connectors
PCMCIA Type II PC Card™ Physical Package
FCC Approved—FCC ID: NTTWJMPR7XXX
Just plug it in, install it and read tags...
WJ’s MPR 7000 RFID Card provides breakthrough performance in a
standard PCMCIA Type II package. These readers represent a new level
for size, standards-based compatibility, ease of use and performance.
Each RFID Card includes the analog RF, digital circuitry and embedded
firmware required for EPC Class 0 and EPC Class 1 operation. The
modular design is flexible, and a simple firmware upgrade is all that is
required to incorporate future standards—like UHF Gen 2—and new
features.
The MPR 7000 leverages the common PCMCIA Type II
package
with
serial
communications
and
separate
bias
power
connections.
Plug it into a PCMCIA Type II socket wired for serial
communications and operate it via a simple WJ GUI program. WJ’s
simple but powerful command set allows for fast creation of custom
applications via an open-source DLL. These readers enable a host of
reader and programmer solutions including handhelds, printers, smart
packaging, material handling and industrial products for today and the
future.


Similar Part No. - MPR7000

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MPR7040 WJCI-MPR7040 Datasheet
317Kb / 4P
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6C (Gen2) in PCMCIA Type II Package
MPR7050 WJCI-MPR7050 Datasheet
278Kb / 4P
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6C (Gen2) in PCMCIA Type II Package
More results

Similar Description - MPR7000

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MPR5000 WJCI-MPR5000 Datasheet
546Kb / 2P
EPC Class 0/1 and 0 with Integral UHF Antenna
MPR6000 WJCI-MPR6000 Datasheet
538Kb / 2P
EPC Class 0/1 and 0 in PCMCIA Type II Pkg.
MPR5000 WJCI-MPR5000_06 Datasheet
151Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2 with Integral Antenna
MPR6000 WJCI-MPR6000_06 Datasheet
160Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2
logo
SeCoS Halbleitertechnol...
SP10100S SECOS-SP10100S Datasheet
308Kb / 2P
1 0 .0 AMP Schottky Barrier Rectifiers
SP10100S SECOS-SP10100S_15 Datasheet
308Kb / 2P
1 0 .0 AMP Schottky Barrier Rectifiers
logo
Hubbell Incorporated.
VAULH1012BN HUBBELL-VAULH1012BN Datasheet
377Kb / 2P
Aluminum Compression Terminal for 1/0 AL/CU, 1/0 6/1 ACSR, 1/0 - 2/0 COMPACT
VAULH1012 HUBBELL-VAULH1012 Datasheet
377Kb / 2P
Aluminum Compression Terminal for 1/0 AL/CU, 1/0 6/1 ACSR, 1/0 - 2/0 COMPACT
logo
Rectron Semiconductor
1N4148DF RECTRON-1N4148DF Datasheet
329Kb / 5P
10 mA0 Volts Switching Diode
logo
Weidmuller
2530630000 WEIDMULLER-2530630000 Datasheet
422Kb / 4P
VPU PV II 0 1500
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com