Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BLT53 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLT53
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT53 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLT53 Datasheet HTML 1Page - NXP Semiconductors BLT53 Datasheet HTML 2Page - NXP Semiconductors BLT53 Datasheet HTML 3Page - NXP Semiconductors BLT53 Datasheet HTML 4Page - NXP Semiconductors BLT53 Datasheet HTML 5Page - NXP Semiconductors BLT53 Datasheet HTML 6Page - NXP Semiconductors BLT53 Datasheet HTML 7Page - NXP Semiconductors BLT53 Datasheet HTML 8Page - NXP Semiconductors BLT53 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
May 1991
2
Philips Semiconductors
Product specification
UHF power transistor
BLT53
FEATURES
• Emitter-ballasting resistors for an
optimum temperature profile
• Gold metallization ensures
excellent reliability
• Withstands full load mismatch.
DESCRIPTION
NPN silicon planar epitaxial transistor
encapsulated in a 4-lead SOT122D
studless envelope with a ceramic cap.
It is designed for common emitter,
class-B operation in portable radio
transmitters in the 470 MHz
communications band. All leads are
isolated from the mounting flange.
PINNING - SOT122D
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
QUICK REFERENCE DATA
RF performance at Tmb = 25 °C in a common emitter test circuit.
PIN CONFIGURATION
MODE OF
OPERATION
f
(MHz)
VCE
(V)
PL
(W)
Gp
(dB)
ηc
(%)
c.w. class-B
470
7.5
8
> 6
> 60
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided
that the BeO disc is not damaged. All persons who handle, use or dispose of
this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to
the regulations applying at the location of the user. It must never be thrown
out with the general or domestic waste.
handbook, halfpage
e
c
b
MBB012
Fig.1 Simplified outline and symbol.
halfpage
2
3
1
4
MSB055



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com