Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BLT53 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLT53
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT53 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLT53 Datasheet HTML 1Page - NXP Semiconductors BLT53 Datasheet HTML 2Page - NXP Semiconductors BLT53 Datasheet HTML 3Page - NXP Semiconductors BLT53 Datasheet HTML 4Page - NXP Semiconductors BLT53 Datasheet HTML 5Page - NXP Semiconductors BLT53 Datasheet HTML 6Page - NXP Semiconductors BLT53 Datasheet HTML 7Page - NXP Semiconductors BLT53 Datasheet HTML 8Page - NXP Semiconductors BLT53 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
May 1991
3
Philips Semiconductors
Product specification
UHF power transistor
BLT53
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
20
V
VCEO
collector-emitter voltage
open base
−
10
V
VEBO
emitter-base voltage
open collector
−
3V
IC, IC(AV)
collector current
DC or average value
−
2.5
A
ICM
collector current
peak value
f
> 1 MHz
−
7.5
A
Ptot
total power dissipation
RF operation;
Tmb = 25 °C
−
35.5
W
Tstg
storage temperature range
−65
150
°C
Tj
junction operating temperature
−
200
°C
Fig.2 DC SOAR.
handbook, halfpage
102
MCD192
10
VCE (V)
IC
(A)
1
10−1
10
1
Tmb = 25
oC
70 oC
Fig.3 Power derating curve.
(1) Continuous DC operation.
(2) Continuous RF operation (f
> 1 MHz).
(3) Short time operation during mismatch (f
> 1 MHz).
handbook, halfpage
040
80
Ptot
(W)
Tmb (
oC)
160
50
0
MCD193
120
40
30
20
10
(1)
(3)
(2)
THERMAL RESISTANCE
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Rth j-mb(RF)
from junction to mounting base
Ptot = 35.5 W;
Tmb = 25 °C
4.9
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com