Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5302 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5302
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5302 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS5302 Datasheet HTML 2Page - ON Semiconductor CS5302 Datasheet HTML 3Page - ON Semiconductor CS5302 Datasheet HTML 4Page - ON Semiconductor CS5302 Datasheet HTML 5Page - ON Semiconductor CS5302 Datasheet HTML 6Page - ON Semiconductor CS5302 Datasheet HTML 7Page - ON Semiconductor CS5302 Datasheet HTML 8Page - ON Semiconductor CS5302 Datasheet HTML 9Page - ON Semiconductor CS5302 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CS5302
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 4.7 V < VCCL < 14 V; 10 V < VCCH < 20 V;
CGATE(H) = 3.3 nF, CGATE(L) = 3.3 nF, RR(OSC) = 32.4 k, CCOMP = 1.0 nF, CSS = 0.1 μF, CREF = 0.1 μF, DAC Code 1001, CVCC = 1.0 μF,
ILIM ≥ 1.0 V; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Current Sensing and Sharing
ILIM Bias Current
0 < ILIM < 1.0 V
0.1
1.0
μA
Single Phase Pulse by Pulse
Current Limit: V(CSx) − V(CSREF)
90
105
135
mV
Current Share Amplifier Bandwidth
Note 5
1.0
MHz
Reference Output
VREF Output Voltage
0 mA < I(VREF) < 1.0 mA
3.2
3.3
3.4
V
General Electrical Specifications
VCCL Operating Current
VFB = COMP (no switching)
20
24.5
mA
VCCL1 Operating Current
VFB = COMP (no switching)
4.0
5.5
mA
VCCL2 Operating Current
VFB = COMP (no switching)
4.0
5.5
mA
VCCH1 Operating Current
VFB = COMP (no switching)
2.8
4.0
mA
VCCH2 Operating Current
VFB = COMP (no switching)
2.5
3.5
mA
VCCL Start Threshold
GATEs switching, Soft Start charging
4.05
4.4
4.7
V
VCCL Stop Threshold
GATEs stop switching, Soft Start discharging
3.75
4.2
4.6
V
VCCL Hysteresis
GATEs not switching, Soft Start not charging
100
200
300
mV
VCCH1 Start Threshold
GATEs switching, Soft Start charging
8.4
9.2
9.9
V
VCCH1 Stop Threshold
GATEs stop switching, Soft Start discharging
7.8
8.7
9.6
V
VCCH1 Hysteresis
GATEs not switching, Soft Start not charging
300
500
700
mV
5. Guaranteed by design. Not tested in production.
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
PIN SYMBOL
FUNCTION
28 Lead SO Wide
1
COMP
Output of the error amplifier and input for the PWM
comparators.
2
VFB
Voltage Feedback Pin. To use Adaptive Voltage Positioning
(AVP) select an offset voltage at light load and connect a
resistor between VFB and VOUT. The input bias current of the
VFB pin and the resistor value determine output voltage off-
set for zero output current. Short VFB to VOUT for no AVP.
3
VDRP
Current sense output for AVP. The offset of this pin above the
DAC voltage is proportional to the output current. Connect a
resistor from this pin to VFB to set amount AVP or leave this
pin open for no AVP.
4−5
CS1−CS2
Current sense inputs. Connect current sense network for the
corresponding phase to each input.
6
CSREF
Reference for current sense amplifiers and input for Power
Good comparators. To balance input offset voltages between
the inverting and non−inverting inputs of the current sense
amplifiers, connect a resistor between CSREF and the output
voltage. The value should be 2/5 of the value of the resistors
connected to the CSx pins.
7
PWRGD
Power Good Output. Open collector output goes low when
CSREF is out of regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com