Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5302 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5302
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5302 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS5302 Datasheet HTML 3Page - ON Semiconductor CS5302 Datasheet HTML 4Page - ON Semiconductor CS5302 Datasheet HTML 5Page - ON Semiconductor CS5302 Datasheet HTML 6Page - ON Semiconductor CS5302 Datasheet HTML 7Page - ON Semiconductor CS5302 Datasheet HTML 8Page - ON Semiconductor CS5302 Datasheet HTML 9Page - ON Semiconductor CS5302 Datasheet HTML 10Page - ON Semiconductor CS5302 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CS5302
http://onsemi.com
7
PACKAGE PIN DESCRIPTION (continued)
PACKAGE PIN #
FUNCTION
PIN SYMBOL
28 Lead SO Wide
FUNCTION
PIN SYMBOL
8
N/C
No connection.
9−12
VID3−VID0
Voltage ID DAC inputs. These pins are internally pulled up to
3.3 V if left open.
13
ILIM
Sets threshold for current limit. Connect to reference through
a resistive divider.
14
REF
Reference output. Decouple with 0.1 μF to LGND.
15
VCCH2
Power for GATE(H)2.
16
Gate(H)2
High side driver #2.
17
GND2
Return for #2 driver.
18
Gate(L)2
Low side driver #2.
19
VCCL2
Power for GATE(L)2.
20
SS
Soft Start capacitor pin. The Soft Start capacitor controls
both Soft Start time and hiccup mode frequency. The COMP
pin is clamped below Soft Start during Start−Up and hiccup
mode.
21
LGND
Return for internal control circuits and IC substrate connection.
22
VCCH1
Power for GATE(H)1. UVLO Sense for High Side Driver sup-
ply connects to this pin.
23
Gate(H)1
High side driver #1.
24
GND1
Return #1 drivers.
25
Gate(L)1
Low side driver #1.
26
VCCL1
Power for GATE(L)1.
27
VCCL
Power for internal control circuits. UVLO Sense for Logic
connects to this pin.
28
ROSC
A resistor from this pin to ground sets operating frequency
and VFB bias current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com