Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5332 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5332
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5332 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5332 Datasheet HTML 1Page - ON Semiconductor CS5332 Datasheet HTML 2Page - ON Semiconductor CS5332 Datasheet HTML 3Page - ON Semiconductor CS5332 Datasheet HTML 4Page - ON Semiconductor CS5332 Datasheet HTML 5Page - ON Semiconductor CS5332 Datasheet HTML 6Page - ON Semiconductor CS5332 Datasheet HTML 7Page - ON Semiconductor CS5332 Datasheet HTML 8Page - ON Semiconductor CS5332 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CS5332
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature
150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Storage Temperature Range
−65 to +150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
1. 60 second maximum above 183°C.
*The maximum package power dissipation must be observed.
ABSOLUTE MAXIMUM RATINGS
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
Power for Logic
VCCL
16 V
−0.3 V
N/A
50 mA
Power for GATE(L)1
VCCL1
16 V
−0.3 V
N/A
1.5 A, 1.0 μs 200 mA DC
Power for GATE(L)2
VCCL2
16 V
−0.3 V
N/A
1.5 A, 1.0 μs 200 mA DC
Power for GATE(H)1
VCCH1
20 V
−0.3 V
N/A
1.5 A, 1.0 μs 200 mA DC
Power for GATE(H)2
VCCH2
20 V
−0.3 V
N/A
1.5 A, 1.0 μs 200 mA DC
Power Good Output
PWRGD
6.0 V
−0.3 V
1.0 mA
20 mA
Soft Start Capacitor
SS
6.0 V
−0.3 V
1.0 mA
1.0 mA
Voltage Feedback Compensation
Network
COMP
6.0 V
−0.3 V
1.0 mA
1.0 mA
Voltage Feedback Input
VFB
6.0 V
−0.3 V
1.0 mA
1.0 mA
Output for Adjusting Adaptive
Voltage Positioning
VDRP
6.0 V
−0.3 V
1.0 mA
1.0 mA
Frequency Resistor
ROSC
6.0 V
−0.3 V
1.0 mA
1.0 mA
Reference Output
REF
6.0 V
−0.3 V
1.0 mA
50 mA
High−Side FET Drivers
GATE(H)1−2
20 V
−0.3 V DC
−2.0 V for 100 nS
1.5 A, 1.0 μs 200 mA DC
1.5 A, 1 μs 200 mA DC
Low−Side FET Drivers
GATE(L)1−2
16 V
−0.3 V DC
−2.0 V for 100 nS
1.5 A, 1.0 μs 200 mA DC 1.5 A, 1.0 μs 200 mA DC
Return for Logic
LGND
N/A
N/A
50 mA
N/A
Return for #1 Driver
GND1
0.3 V
−0.3 V
2.0 A, 1.0 μs 200 mA DC
N/A
Return for #2 Driver
GND2
0.3 V
−0.3 V
2.0 A, 1.0 μs 200 mA DC
N/A
Current Sense for Phases 1 − 2
CS1−CS2
6.0 V
−0.3 V
1.0 mA
1.0 mA
Current Limit Set Point
ILIM
6.0 V
−0.3 V
1.0 mA
1.0 mA
Current Sense Reference
CSREF
6.0 V
−0.3 V
1.0 mA
1.0 mA
Voltage ID DAC Inputs
VID0−4
6.0 V
−0.3 V
1.0 mA
1.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com