Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSI721 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 2Page - Renesas Technology Corp TSI721 Datasheet HTML 3Page - Renesas Technology Corp TSI721 Datasheet HTML 4Page - Renesas Technology Corp TSI721 Datasheet HTML 5Page - Renesas Technology Corp TSI721 Datasheet HTML 6Page - Renesas Technology Corp TSI721 Datasheet HTML 7Page - Renesas Technology Corp TSI721 Datasheet HTML 8Page - Renesas Technology Corp TSI721 Datasheet HTML 9Page - Renesas Technology Corp TSI721 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
Tsi721 Datasheet
6
April 4, 2016
Integrated Device Technology
About this Document
Topics discussed include the following:
• Overview
• Document Conventions
• Revision History
Overview
The Tsi721 Datasheet provides signal, electrical, and packaging information about the Tsi721. It is intended for hardware
engineers who are designing system interconnect applications with the device.
Document Conventions
This document uses the following conventions.
Non-differential Signal Notation
Non-differential signals are either active-low or active-high. An active-low signal has an active state of logic 0 (or the lower
voltage level), and is denoted by a lowercase “n”. An active-high signal has an active state of logic 1 (or the higher voltage
level), and is not denoted by a special character. The following table illustrates the non-differential signal naming convention.
Differential Signal Notation
Differential signals consist of pairs of complement positive and negative signals that are measured at the same time to
determine a signal’s active or inactive state (they are denoted by “_p” and “_n”, respectively). The following table illustrates the
differential signal naming convention.
State
Single-line signal
Multi-line signal
Active low
NAMEn
NAMEn[3]
Active high
NAME
NAME[3]
State
Single-line signal
Multi-line signal
Inactive
NAME_p = 0
NAME_n = 1
NAME_p[3] = 0
NAME_n[3] = 1
Active
NAME_p = 1
NAME_n = 0
NAME_p[3] is 1
NAME_n[3] is 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com