Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSI721 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 4Page - Renesas Technology Corp TSI721 Datasheet HTML 5Page - Renesas Technology Corp TSI721 Datasheet HTML 6Page - Renesas Technology Corp TSI721 Datasheet HTML 7Page - Renesas Technology Corp TSI721 Datasheet HTML 8Page - Renesas Technology Corp TSI721 Datasheet HTML 9Page - Renesas Technology Corp TSI721 Datasheet HTML 10Page - Renesas Technology Corp TSI721 Datasheet HTML 11Page - Renesas Technology Corp TSI721 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
Tsi721 Datasheet
8
April 4, 2016
Integrated Device Technology
1.
Device Overview
Topics discussed include the following:
• Overview
• Features
• Block Diagram
• Typical Applications
1.1
Overview
IDT is the leading supplier of RapidIO® and PCI Express Interconnect solutions, providing a broad portfolio of switches,
bridges, IP, and development platforms for defense aerospace, video, imaging, and wireless markets. The Tsi721 is IDT's
solution for hardware-based PCIe Gen2 to RapidIO Gen2 protocol conversion in a bridging device.
The Tsi721 converts transactions from PCIe to RapidIO, and vice versa, and provides full line rate bridging at 20 Gbaud. Using
the Tsi721, designers can develop heterogeneous systems that leverage the peer-to-peer networking performance of RapidIO
while using multiprocessor clusters that may be only PCIe enabled. In addition, applications that require large amounts of data
transferred efficiently without processor involvement can be executed using the full line rate of the Tsi721’s Block DMA Engine
and Messaging Engine.
Key to the Tsi721 is the hardware bridging functionality that converts PCIe transactions to RapidIO, and vice versa. The Tsi721
supports PCIe non-transparent bridging for transaction mapping. The device has both RapidIO and PCIe endpoints embedded
in the bridge, and each of its Block DMA/Messaging DMA channels can buffer up to 8 KB of data on the PCIe side.
1.2
Features
The Tsi721 supports the following features.
1.2.1
PCIe Features
• PCIe 2.1 standard compliant
• 5/2.5 Gbaud link speed
• x4/x2/x1 link width
• 128- and 256-byte maximum payload
• Advanced error reporting
• Internal error reporting
• Lane reversal
• Automatic polarity inversion
• Dynamic port width: x4 drops to x1
• ECRC support
• INTx, MSI, and MSI-X support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com