Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74LVC1G17 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G17
Description  Single Schmitt trigger buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G17 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G17 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G17 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G17 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G17 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G17 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G17 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G17 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G17 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G17 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Nexperia
74LVC1G17
Single Schmitt trigger buffer
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
II
input leakage current
VI = 5.5 V or GND; VCC = 0 V to 5.5 V
-
-
±1
μA
IOFF
power-off leakage current VI or VO = 5.5 V; VCC = 0 V
-
-
±2
μA
ICC
supply current
VI = 5.5 V or GND;
VCC = 1.65 V to 5.5 V; IO = 0 A
-
-
4
μA
ΔICC
additional supply current
per pin; VI = VCC - 0.6 V; IO = 0 A;
VCC = 2.3 V to 5.5 V
-
-
500
μA
[1] All typical values are measured at maximum VCC and Tamb = 25 °C.
10.1. Transfer characteristics
Table 8. Transfer characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Min
Max
Unit
see Fig. 8 and Fig. 9
VCC = 1.8 V
0.82
1.0
1.14
0.79
1.14
V
VCC = 2.3 V
1.03
1.2
1.40
1.00
1.40
V
VCC = 3.0 V
1.29
1.5
1.71
1.26
1.71
V
VCC = 4.5 V
1.84
2.1
2.36
1.81
2.36
V
VT+
positive-going
threshold voltage
VCC = 5.5 V
2.19
2.5
2.79
2.16
2.79
V
see Fig. 8 and Fig. 9
VCC = 1.8 V
0.46
0.6
0.75
0.46
0.78
V
VCC = 2.3 V
0.65
0.8
0.96
0.65
0.99
V
VCC = 3.0 V
0.88
1.0
1.24
0.88
1.27
V
VCC = 4.5 V
1.32
1.5
1.84
1.32
1.87
V
VT-
negative-going
threshold voltage
VCC = 5.5 V
1.58
1.8
2.24
1.58
2.27
V
see Fig. 8, Fig. 9 and Fig. 10
VCC = 1.8 V
0.26
0.4
0.51
0.19
0.51
V
VCC = 2.3 V
0.28
0.4
0.57
0.22
0.57
V
VCC = 3.0 V
0.31
0.5
0.64
0.25
0.64
V
VCC = 4.5 V
0.40
0.6
0.77
0.34
0.77
V
VH
hysteresis voltage
VCC = 5.5 V
0.47
0.6
0.88
0.41
0.88
V
[1] All typical values are measured at Tamb = 25 °C.
74LVC1G17
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 14 — 14 January 2022
6 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com