Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S1DR Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # S1DR
Description  200 V, 1 A high power density, standard switching time PNrectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

S1DR Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  S1DR Datasheet HTML 1Page - Nexperia B.V. All rights reserved S1DR Datasheet HTML 2Page - Nexperia B.V. All rights reserved S1DR Datasheet HTML 3Page - Nexperia B.V. All rights reserved S1DR Datasheet HTML 4Page - Nexperia B.V. All rights reserved S1DR Datasheet HTML 5Page - Nexperia B.V. All rights reserved S1DR Datasheet HTML 6Page - Nexperia B.V. All rights reserved S1DR Datasheet HTML 7Page - Nexperia B.V. All rights reserved S1DR Datasheet HTML 8Page - Nexperia B.V. All rights reserved S1DR Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Nexperia
S1DR
200 V, 1 A high power density, standard switching time PN-rectifier
S1DR
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
10 January 2018
2 / 13
5. Pinning information
Table 2. Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
K
cathode
2
A
anode
2
1
CFP3 (SOD123W)
006aab040
2
1
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
S1DR
CFP3
plastic, surface mounted package; 2 terminals; 2.6 mm x 1.7 mm
x 1 mm body
SOD123W
7. Marking
Table 4. Marking codes
Type number
Marking code
S1DR
KS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com