Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSE655 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LSE655
Description  Power TOPLED with Lens Hyper-Bright LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSE655 Datasheet(HTML) 5 Page - OSRAM GmbH

  LSE655 Datasheet HTML 1Page - OSRAM GmbH LSE655 Datasheet HTML 2Page - OSRAM GmbH LSE655 Datasheet HTML 3Page - OSRAM GmbH LSE655 Datasheet HTML 4Page - OSRAM GmbH LSE655 Datasheet HTML 5Page - OSRAM GmbH LSE655 Datasheet HTML 6Page - OSRAM GmbH LSE655 Datasheet HTML 7Page - OSRAM GmbH LSE655 Datasheet HTML 8Page - OSRAM GmbH LSE655 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LS E655
2001-03-05
5
Helligkeitswerte werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von
± 11% ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and a tolerance of
± 11%.
2) Durchlassspannungsgruppen
Forward voltage groups
Gruppe
Group
Durchlassspannung
Forward voltage
Einheit
Unit
min.
max.
31.90
2.20
V
42.20
2.50
V
Helligkeits-Gruppierungsschema
Luminous Intensity Groups
Lichtgruppe
Luminous Intensity Group
Lichtstärke
Luminous Intensity
I
V (mcd)
Lichtstrom
Luminous Flux
Φ
V (mlm)
U2
V1
V2
AA
560 ... 710
710 ... 900
900 ... 1120
1120 ... 1400
760 (typ.)
960 (typ.)
1200 (typ.)
1500 (typ.)
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: V2-13
Example: V2-13
Lichtgruppe
Luminous Intensity Group
Halbgruppe
Half Group
Wellenlänge
Wavelength
Durchlassspannung
Forward Voltage
V
213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com