Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT24CS32-MAHM-T Datasheet(PDF) 20 Page - Microchip Technology

Part # AT24CS32-MAHM-T
Description  I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CS32-MAHM-T Datasheet(HTML) 20 Page - Microchip Technology

Back Button AT24CS32-MAHM-T Datasheet HTML 16Page - Microchip Technology AT24CS32-MAHM-T Datasheet HTML 17Page - Microchip Technology AT24CS32-MAHM-T Datasheet HTML 18Page - Microchip Technology AT24CS32-MAHM-T Datasheet HTML 19Page - Microchip Technology AT24CS32-MAHM-T Datasheet HTML 20Page - Microchip Technology AT24CS32-MAHM-T Datasheet HTML 21Page - Microchip Technology AT24CS32-MAHM-T Datasheet HTML 22Page - Microchip Technology AT24CS32-MAHM-T Datasheet HTML 23Page - Microchip Technology AT24CS32-MAHM-T Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Figure 7-4. Write Cycle Timing
t
WR
Stop
Condition
Start
Condition
Data Word n
ACK
D0
SDA
Stop
Condition
SCL
8
9
ACK
First Acknowledge from the device
to a valid device address sequence after
write cycle is initiated. The minimum t
WR
can only be determined through
the use of an ACK Polling routine.
9
7.5
Write Protection
The AT24CS32 utilizes a hardware data protection scheme that allows the user to write‑protect the entire memory
contents when the WP pin is at VCC (or a valid VIH). No write protection will be set if the WP pin is at GND or left
floating.
Table 7-1. AT24CS32 Write-Protect Behavior
WP Pin Voltage
Part of the Array Protected
VCC
Full Array
GND
None - Write Protection Not Enabled
The status of the WP pin is sampled at the Stop condition for every byte write or page write operation prior to the start
of an internally self‑timed write cycle. Changing the WP pin state after the Stop condition has been sent will not alter
or interrupt the execution of the write cycle.
If an attempt is made to write to the device while the WP pin has been asserted, the device will acknowledge the
device address, word address and data bytes, but no write cycle will occur when the Stop condition is issued. The
device will immediately be ready to accept a new read or write command.
AT24CS32
Write Operations
© 2020 Microchip Technology Inc.
Datasheet
DS20006341A-page 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com