Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT24CS32-MAHM-T Datasheet(PDF) 21 Page - Microchip Technology

Part # AT24CS32-MAHM-T
Description  I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CS32-MAHM-T Datasheet(HTML) 21 Page - Microchip Technology

Back Button AT24CS32-MAHM-T Datasheet HTML 17Page - Microchip Technology AT24CS32-MAHM-T Datasheet HTML 18Page - Microchip Technology AT24CS32-MAHM-T Datasheet HTML 19Page - Microchip Technology AT24CS32-MAHM-T Datasheet HTML 20Page - Microchip Technology AT24CS32-MAHM-T Datasheet HTML 21Page - Microchip Technology AT24CS32-MAHM-T Datasheet HTML 22Page - Microchip Technology AT24CS32-MAHM-T Datasheet HTML 23Page - Microchip Technology AT24CS32-MAHM-T Datasheet HTML 24Page - Microchip Technology AT24CS32-MAHM-T Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
8.
Read Operations
Read operations are initiated the same way as write operations with the exception that the Read/Write Select bit in
the device address byte must be a logic ‘1’. There are four read operations:
• Current Address Read
• Random Address Read
• Sequential Read
• Serial Number Read
Note:  The AT24CS32 contains a single Address Pointer register, which is shared by both the EEPROM and the
serial number. As such, when changing from one region to the other, the first read operation in the new region should
begin with a dummy write sequence (i.e., a random read operation with the new region’s device address and word
address bytes) in order to ensure the Address Pointer is set to a known value. See Serial Number Read for additional
requirements on the serial number read.
8.1
Current Address Read
The internal data word address counter maintains the last address accessed during the last read or write operation,
incremented by one. This address stays valid between operations as long as the VCC is maintained to the part. The
address rollover during a read is from the last byte of the last page to the first byte of the first page of the memory.
A current address read operation will output data according to the location of the internal data word address counter.
This is initiated with a Start condition, followed by a valid device address byte with the R/W bit set to logic ‘1’. The
device will ACK this sequence and the current address data word is serially clocked out on the SDA line. All types of
read operations will be terminated if the bus master does not respond with an ACK (it NACKs) during the ninth clock
cycle. After the NACK response, the master may send a Stop condition to complete the protocol, or it can send a
Start condition to begin the next sequence.
Figure 8-1. Current Address Read
SCL
SDA
Device Address Byte
Data Word (n)
Start Condition
by Master
ACK
from Slave
NACK
from Master
Stop Condition
by Master
MSb
MSb
1
0
1
0
A
2
A
1
A
0
1
0
D7 D6
D5 D4 D3
D2 D1 D0
1
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
8.2
Random Read
A random read begins in the same way as a byte write operation does to load in a new data word address. This is
known as a “dummy write” sequence; however, the data byte and the Stop condition of the byte write must be omitted
to prevent the part from entering an internal write cycle. Once the device address and word address are clocked in
and acknowledged by the EEPROM, the bus master must generate another Start condition. The bus master now
initiates a current address read by sending a Start condition, followed by a valid device address byte with the R/W bit
set to logic ‘1’. The EEPROM will ACK the device address and serially clock out the data word on the SDA line. All
types of read operations will be terminated if the bus master does not respond with an ACK (it NACKs) during the
ninth clock cycle. After the NACK response, the master may send a Stop condition to complete the protocol, or it can
send a Start condition to begin the next sequence.
AT24CS32
Read Operations
© 2020 Microchip Technology Inc.
Datasheet
DS20006341A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com