Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSC080SMA120B4 Datasheet(PDF) 4 Page - Microchip Technology

Part # MSC080SMA120B4
Description  1200 V, 80 mΩ SiC N-Channel Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC080SMA120B4 Datasheet(HTML) 4 Page - Microchip Technology

  MSC080SMA120B4 Datasheet HTML 1Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 2Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 3Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 4Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 5Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 6Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 7Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 8Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MSC080SMA120B4
Device Specifications
© 2023 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS00004673B-page 4
...........continued
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
trr
Reverse recovery time
ISD = 20 A, VDD = 850 V, VGS =
–5 V, dl/dt = –1000 A/μs, Drive
Rg = 8 Ω
12
ns
Qrr
Reverse recovery charge
416
nC
IRRM
Reverse recovery current
59
A
1.3
Typical Performance Curves
This section shows the typical performance curves of the MSC080SMA120B4 device.
Figure 1-1. Drain Current vs. VDS at TJ
Figure 1-2. Drain Current vs. VDS at VGS
Figure 1-3. Drain Current vs. VDS at VGS
Figure 1-4. Drain Current vs. VDS at VGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com