Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSC080SMA120B4 Datasheet(PDF) 9 Page - Microchip Technology

Part # MSC080SMA120B4
Description  1200 V, 80 mΩ SiC N-Channel Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC080SMA120B4 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MSC080SMA120B4 Datasheet HTML 5Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 6Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 7Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 8Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 9Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 10Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 11Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 12Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MSC080SMA120B4
Package Specification
© 2023 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS00004673B-page 9
2.
Package Specification
This section shows the package specification of the MSC080SMA120B4 device.
2.1
Package Outline Drawing
The following figure illustrates the TO-247-4L package outline of the MSC080SMA120B4 device.
Figure 2-1. Package Outline Drawing
The following table shows the TO-247-4L dimensions and should be used in conjunction with the package outline
drawing.
Table 2-1. TO-247-4L Dimensions
Symbol
Min (mm)
Max (mm)
Min (in.)
Max (in.)
A
4.90
5.17
0.193
0.204
B
1.85
2.11
0.073
0.083
C
2.25
2.51
0.089
0.099
D
0.55
0.68
0.022
0.027
E
5.49
5.74
0.216
0.226
F
3.56
3.66
0.140
0.144
G
6.15 BSC
0.242 BSC
H
20.83
21.08
0.820
0.830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com