Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP6604A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6604A
Description  Simple, Dual H-Bridge Motor Driver with Separate Input and Enable Pins
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6604A Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6604A Datasheet HTML 1Page - Monolithic Power Systems MP6604A Datasheet HTML 2Page - Monolithic Power Systems MP6604A Datasheet HTML 3Page - Monolithic Power Systems MP6604A Datasheet HTML 4Page - Monolithic Power Systems MP6604A Datasheet HTML 5Page - Monolithic Power Systems MP6604A Datasheet HTML 6Page - Monolithic Power Systems MP6604A Datasheet HTML 7Page - Monolithic Power Systems MP6604A Datasheet HTML 8Page - Monolithic Power Systems MP6604A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP6604A
Simple, Dual H-Bridge Motor Driver with
Separate Input and Enable Pins
MP6604A Rev. 1.1
MonolithicPower.com
1
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
DESCRIPTION
The MP6604A is a dual H-bridge motor driver
IC that can drive stepper motors, brushed DC
motors, and other loads.
The device operates across a 4.5V to 45V input
voltage (VIN) range, and can deliver up to 2.5A
of output current (IOUT) per phase.
Internal safety and diagnostic features include
over-current
protection
(OCP),
input
over-
voltage protection (OVP), and input under-
voltage lockout (UVLO) protection, and thermal
shutdown.
The MP6604A has separate IN and EN pins
for each output pin.
The
MP6604A
is
available
in
QFN-28
(4mmx5mm) and TSSOP-28EP packages.
FEATURES
• 4.5V to 45V Operating Input Voltage (V
IN)
Range
• 2.5A Maximum Output Current (I
OUT)
• Dual H-Bridge or Quad Half-Bridge Driver
• 150mΩ Low On Resistance (per MOSFET)
• Protection Functions:
o
Over-Current Protection (OCP)
o
Over-Voltage Protection (OVP)
o
Under-Voltage Lockout Protection
(UVLO)
o
Thermal Shutdown
o
Fault Indication Output
• Available in QFN-28 (4mmx5mm) and
TSSOP-28EP Packages
APPLICATIONS
Bipolar Stepper Motors
Stage Lighting
3D Printers
Laser Printers and Copiers
Textile Machines
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
CPA
CPB
VIN
VCP
AIN1
nSLEEP
nFAULT
VIN
MP6604A
PGNDA
nAEN1
GND
BIN1
nBEN1
GND
AIN2
nAEN2
BIN2
nBEN2
PGNDB
nRESET
VREG
μC
Stepper
Motor
AOUT1
AOUT2
BOUT1
BOUT2
DCM
DCM


Similar Part No. - MP6604A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6604C MPS-MP6604C Datasheet
681Kb / 19P
4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)
Rev. 1.1 5/12/2023
MP6604CGF MPS-MP6604CGF Datasheet
681Kb / 19P
4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)
Rev. 1.1 5/12/2023
MP6604CGF-P MPS-MP6604CGF-P Datasheet
681Kb / 19P
4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)
Rev. 1.1 5/12/2023
MP6604CGV MPS-MP6604CGV Datasheet
681Kb / 19P
4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)
Rev. 1.1 5/12/2023
More results

Similar Description - MP6604A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8833 TI1-DRV8833 Datasheet
961Kb / 22P
DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833_16 Datasheet
1Mb / 30P
Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
Dual H-bridge Motor Driver
July, 2014
logo
Texas Instruments
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
Dual H-Bridge Motor Driver
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com