Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPQ5072 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ5072
Description  5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5072 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ5072 Datasheet HTML 8Page - Monolithic Power Systems MPQ5072 Datasheet HTML 9Page - Monolithic Power Systems MPQ5072 Datasheet HTML 10Page - Monolithic Power Systems MPQ5072 Datasheet HTML 11Page - Monolithic Power Systems MPQ5072 Datasheet HTML 12Page - Monolithic Power Systems MPQ5072 Datasheet HTML 13Page - Monolithic Power Systems MPQ5072 Datasheet HTML 14Page - Monolithic Power Systems MPQ5072 Datasheet HTML 15Page - Monolithic Power Systems MPQ5072 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MPQ5072
– 5.5V, 1A LOW RDS(ON) LOAD SWITCH, AEC-Q100 QUALIFIED
MPQ5072 Rev. 1.0
www.MonolithicPower.com
12
10/16/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
VOUT
IIN
Current Limit
Soft Start with a Small Capacitance
Soft Start with a Very Large Capacitance
Soft Start with Different Output Capacitances
VOUT
IIN
Current Limit
VOUT
IIN
Current Limit
Soft Start with a Large Capacitance
Figure 3: Soft Start at Different Output
Capacitances
Design Example
For design examples, see Table 1 and Figure 5.
Table 1: Recommended RLIM and CSS Values
VIN
(V)
Max Load
Range (A)
RLIMIT
(k
Ω)
SS Capacitance
(nF)
SS Time
(ms)
3.6
0.5
47
22
1
3.6
1
27.4
47
2.4
PCB Layout Guidelines
PCB layout is critical for stable operation. For the
best results, refer to Figure 4 and follow the
guidelines below:
1. Place RILIM close to the ILIM pin.
2. Place the input capacitor close to the VCC pin.
3. Place vias around the IC to improve thermal
performance.
Figure 4: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com