Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPQ5072 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ5072
Description  5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5072 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ5072 Datasheet HTML 8Page - Monolithic Power Systems MPQ5072 Datasheet HTML 9Page - Monolithic Power Systems MPQ5072 Datasheet HTML 10Page - Monolithic Power Systems MPQ5072 Datasheet HTML 11Page - Monolithic Power Systems MPQ5072 Datasheet HTML 12Page - Monolithic Power Systems MPQ5072 Datasheet HTML 13Page - Monolithic Power Systems MPQ5072 Datasheet HTML 14Page - Monolithic Power Systems MPQ5072 Datasheet HTML 15Page - Monolithic Power Systems MPQ5072 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MPQ5072
– 5.5V, 1A LOW RDS(ON) LOAD SWITCH, AEC-Q100 QUALIFIED
MPQ5072 Rev. 1.0
www.MonolithicPower.com
13
10/16/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
EN
MPQ5072
VCC
SS
3
9
4
GND
ILIM
VOUT
C1
VIN
PG
R1
VIN
VEN
12
5
2
1
6
C2
C3
C4
0.1µF
47nF
22µF
VOUT
VPG
27.4k
100k
R2
>3V
1A
0.5V to 5.5V
22µF
Figure 5: Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com