Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UTC-100P-R10E Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # UTC-100P-R10E
Description  23.8" Ubiquitous Touch Computer UTC-124G1 with Celeron® J3455
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-100P-R10E Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  UTC-100P-R10E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 2Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 3Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Interactive Self-service Terminals
UTC-124
Peripherals for UTC-100(AIO system) series
Part No.
Description
UTC-100P-B11E
2D Barcode Scanner for UTC-115/120
UTC-100P-C10E
5M Camera for UTC-115/120
UTC-100P-R10E
RFID Scanner for UTC-115/120
UTC-100P-M10E
MSR Reader for UTC-115/120
UTC-100P-S10E
Smart Card Reader for UTC-115/120
UTC-100P-L10E
LED Light Bar for UTC-115/120
UTC-100P-F10E
Finger Print Reader for UTC-115/120
UTC-100P-T10E
Thermal Camera for UTC-115/120
Peripheral Mountable on All 4 Sides
Ordering Information
For Worldwide Model
Part No.
Configuration
UTC-124G1P-WWW1E
23.8" FHD Pcap w/ Celeron J3455, 4G RAM, 128G TLC, Wifi/BT, Win 10 LTSC
UTC-124G1P-AWW1E
23.8" FHD Pcap w/ Celeron J3455, 4G RAM, 128G TLC, Wifi/BT, Android
UTC-124G1P-NWW0E
23.8" FHD Pcap w/ Celeron J3455, 4G RAM, 128G TLC
For US only Model
Part No.
Configuration
UTC-124G1P-WUS1E
23.8" FHD Pcap w/ Celeron J3455, 4G RAM, 128G TLC, Wifi/BT, Win 10 LTSC, US Power Cord
UTC-124G1P-NUS1E
23.8" FHD Pcap w/ Celeron J3455, 4G RAM, 128G TLC, Wifi/BT, US Power Cord
For EU only Model
Part No.
Descriptions
UTC-124G1P-WEU1E
23.8" FHD Pcap w/ Celeron J3455, 4G RAM, 128G TLC, Wifi/BT, Win 10 LTSC, EU Power Cord
Extra ordering information
Part No.
Descriptions
1702002605
Power cord 2P FRANCE 10A/16A 220V 1.83M 90D
1702002600
Power Cord 3P UL/CSA(USA) 125V 10A 1.83M 180D
1700000596-11
Power Cord (China) CCC,10A 250V, 3P 1830mm
1700018704
Power Cord UK BSI 2P 10A 250V 180cm 18AWG
1700025928-02
COM Port Converter cable RJ48-10P10C to D-SUB 9P 35cm
UTC-T01-STANDE
Tri Shape Floor Stand 120cm
ARES-2425X-S271001
Tilt Table Stand for UTC-100 Serires (Black)
ARES-12250-L101000
Vesa Wall-mount for UTC-100 Series (Black)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com