Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UTC-100P-R10E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UTC-100P-R10E
Description  23.8" Ubiquitous Touch Computer UTC-124G1 with Celeron® J3455
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-100P-R10E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UTC-100P-R10E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 2Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 3Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Interactive Self-service Terminals
Features
RoHS
COMPLIANT
2002/95/EC
Microsoft®
Windows®
Embedded
UTC-124
23.8" Ubiquitous Touch Computer
UTC-124G1 with Celeron® J3455
ƒ
Slimmer and Lighter design
ƒ
Low power and fanless system design
ƒ
Built-in Intel Celeron® J3455
ƒ
23.8" monitor with 16:9 widescreen display
ƒ
IP65-rated front panel for water and dust resistance
ƒ
Clean back cover design with 3 Way IO cable routing
ƒ
Supports both landscape and portrait screen orientations
ƒ
VESA 100 mm standard mounting holes for varied mounting demands
ƒ
Support DeviceOn/iService software for remote device management
Introduction
UTC-124G1 features an all-in-one computing system which equipped with wide format, touch based LCD panel. It is easy to integrate key peripherals and display systems for diversified
self-service and interactive signage deploy in different application areas.
Thanks for the slim and light looking with 3 way cable routing design, makes UTC-124G1 good fit to diverse scenarios and areas.
The systems deliver updated information with well-designed interactive interfaces, with fully ensure relevant content and targeted promotions are delivered. UTC series touch panel
computers are the best investments to enhance user satisfaction, further brand equity, and maximize business profits.
Moreover, Advantech DeviceOn/iService Software is a next-generation unified device management unified device management solution based on the WISE-DeviceOn platform. With
support for batch operations and multi-device control, DeviceOn/iService enables easy device configuration and deployment for convenient remote device management.
Specifications
Process system
CPU
Celeron® J3455
Base/Burst Frequency
1.10Ghz/2.50Ghz (Quad-Core)
Memory
1 x 204 pin SO-DIMM DDR3L 1600 MHz up to 8 GB
Storage
1 x M.2 2242 SSD / 1 x 2.5 internal SATA storage
Network
2 x Gigabit Ethernet ports
I/O Ports
2 x RS-232 COM (COM2 RS-232/422/485)
4 x USB3.0
2 x Gigabit Ethernet ports
1 x HDMI 1.4
1 x Audio Phone Jack
Stereo Speaker
2 x 2W
Bus expansion
1 x M.2 key2230, 1 x M.2 key2242
Mounting
VESA 100 x 100 mm (Screw Size, M4, 7mm)
Dimension (WxHxD)
587 x 356 x 42.5
Weight
6.53kg
OS Support
Win 10 IoT Enterprise 64bit
Android 10.1
Linux
Environment Specification
Operating temperature
0 ~ 40 °C (32 ~ 104 °F)*
Relative Humidity
10 ~ 95% @ 40 °C non-condensing
Vibration
0.5G
Shock
Shock 10G peak acceleration (11 msec. duration)
Certification
CE, FCC, CB, UL, CCC, BSMI
Front Panel Protection
IP 65 Compliant
Power Supply
DC Input Rating
12-24V/7-3.5A (90W Adapter)
PoE
n/a
Power consumption
43.5W
LCD Display
Size/Type
23.8" FHD
Max.Resolution
1920 x 1080
Max. Color
16.7M
Pixel Pitch (um)
2745 x 2745mm
Brightness (cd/m2)
350
View Angle
178° /178°
Touch Screen Option
Type
Projected Capacitive.
Light Transmission
> 85%
Controller
USB Interface
All product specifications are subject to change without notice, * identify as optional function
Last updated: 10-Nov-2022


Similar Part No. - UTC-100P-R10E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-100P-R10E ADVANTECH-UTC-100P-R10E Datasheet
1Mb / 4P
15.6" Ubiquitous Touch Computer UTC-115H with Intel® Core™ i5-8365UE
26-Jan-2022
UTC-100P-R10E ADVANTECH-UTC-100P-R10E Datasheet
1Mb / 4P
15.6" Ubiquitous Touch Computer UTC-115I with 11th Gen Intel® Core™ i5/i3 Processor
4-Aug-2023
UTC-100P-R10E ADVANTECH-UTC-100P-R10E Datasheet
984Kb / 4P
21.5" Ubiquitous Touch Computer UTC-120G with Pentium® N4200
10-Nov-2022
UTC-100P-R10E ADVANTECH-UTC-100P-R10E Datasheet
1Mb / 4P
21.5" Ubiquitous Touch Computer UTC-120H with 8th Gen Intel® Core™ i5/i3 Processor
5-Dec-2022
UTC-100P-R10E ADVANTECH-UTC-100P-R10E Datasheet
996Kb / 4P
21.5" Ubiquitous Touch Computer UTC-120I with 11th Gen Intel® Core™ i5/i3 Processor
4-Aug-2023
More results

Similar Description - UTC-100P-R10E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-115 ADVANTECH-UTC-115 Datasheet
681Kb / 2P
15.6 Ubiquitous Touch Computer UTC-115G with Intel® Pentium® N4200
10-Sep-2020
UTC-115 ADVANTECH-UTC-115_V01 Datasheet
1Mb / 4P
15.6" Ubiquitous Touch Computer UTC-115H with Intel® Core™ i5-8365UE
26-Jan-2022
UTC-120 ADVANTECH-UTC-120 Datasheet
984Kb / 4P
21.5" Ubiquitous Touch Computer UTC-120G with Pentium® N4200
10-Nov-2022
UTC-124 ADVANTECH-UTC-124_V01 Datasheet
858Kb / 4P
23.8" Ubiquitous Touch Computer UTC-124G3 with Celeron® J3455
1-Mar-2023
UTC-124 ADVANTECH-UTC-124_V02 Datasheet
945Kb / 4P
23.8" Ubiquitous Touch Computer UTC-124I1 with 11th Gen Intel® Core™ i5/i3 Processor
25-Aug-2023
UTC-124 ADVANTECH-UTC-124_V03 Datasheet
1Mb / 4P
23.8" Ubiquitous Touch Computer UTC-124I3 with 11th Gen Intel® Core™ i7/i5/i3 Processor
25-Aug-2023
UTC-207 ADVANTECH-UTC-207 Datasheet
418Kb / 2P
7" Ubiquitous Opened-Frame Touch Computer UTC-207G with Intel® Celeron® N3350/ Pentium® N4200
13-Sep-2021
UTC-210 ADVANTECH-UTC-210 Datasheet
410Kb / 2P
10" Ubiquitous Opened-Frame Touch Computer UTC-210G with Intel® Celeron® N3350 / Pentium® N4200
13-Sep-2021
UTC-515 ADVANTECH-UTC-515_V02 Datasheet
860Kb / 4P
15.6" Ubiquitous Touch Computer UTC-515I with Intel® Core™ i5-1145G7E
30-Sep-2022
UTC-515 ADVANTECH-UTC-515_V04 Datasheet
855Kb / 4P
15.6" Ubiquitous Touch Computer UTC-515J with Intel® Celeron® J6412
27-Dec-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com