Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD72042B Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # UPD72042B
Description  MOS INTEGRATED CIRCUIT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD72042B Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button UPD72042B Datasheet HTML 46Page - Renesas Technology Corp UPD72042B Datasheet HTML 47Page - Renesas Technology Corp UPD72042B Datasheet HTML 48Page - Renesas Technology Corp UPD72042B Datasheet HTML 49Page - Renesas Technology Corp UPD72042B Datasheet HTML 50Page - Renesas Technology Corp UPD72042B Datasheet HTML 51Page - Renesas Technology Corp UPD72042B Datasheet HTML 52Page - Renesas Technology Corp UPD72042B Datasheet HTML 53Page - Renesas Technology Corp UPD72042B Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 92 page
background image
µPD72042B
48
Data Sheet S13990EJ3V0DS
[MARC occurrence interval]
(a) When master transmission is performed
0010
0011
0110
0111
Ta
Tb
0000
0011
0011
0010
0001
Tc
Td
Te
Tf
Tf
Te
Ta
Tb
Tg
0001
0010
0011
0000
0011
0111
0100
Return codes for master
transmission and master reception
Return codes for master
transmission and master reception
Return codes for master transmission
Table 4-4
Minimum Return Code Occurrence Interval for Master Transmission (t: At fX = 6 MHz)
Interval
Mode 0
Mode 1
Ta
Approx. 2430
µs
Approx. 740
µs
Tb
Approx. 90
µs
Approx. 90
µs
Tc
Approx. 4710
µs
Approx. 1170
µs
Td
Approx. 6290
µs
Approx. 1570
µs
Te
Approx. 20
µs
Approx. 20
µs
Tf
Approx. 1570
µs
Approx. 390
µs
Tg
Approx. 7150
µs
Approx. 1920
µs
t
IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com