Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD72042B Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD72042B
Description  MOS INTEGRATED CIRCUIT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD72042B Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD72042B Datasheet HTML 17Page - Renesas Technology Corp UPD72042B Datasheet HTML 18Page - Renesas Technology Corp UPD72042B Datasheet HTML 19Page - Renesas Technology Corp UPD72042B Datasheet HTML 20Page - Renesas Technology Corp UPD72042B Datasheet HTML 21Page - Renesas Technology Corp UPD72042B Datasheet HTML 22Page - Renesas Technology Corp UPD72042B Datasheet HTML 23Page - Renesas Technology Corp UPD72042B Datasheet HTML 24Page - Renesas Technology Corp UPD72042B Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
µPD72042B
19
Data Sheet S13990EJ3V0DS
Fig. 2-2
Slave Status (SSR) Bit Format
MSB
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
LSB
Table 2-5
Slave Status Meanings
Bit
Value
Meaning
Bit 0Note 1
0
The slave transmission buffer is empty.
1
The slave transmission buffer is not empty.
Bit 1Note 2
0
The slave reception buffer is empty.
1
The slave reception buffer is not empty.
Bit 2
0
The unit is not locked.
1
The unit is locked.
Bit 3
0
Fixed at 0
Bit 4Note 3
0
Slave transmission disabled
1
Slave transmission enabled
Bit 5
0
Fixed at 0
Bit 7
00
Mode 0
Bit 6
01
Mode 1
10
Reserved for future expansion
11
Indicates the highest
mode supported by the
unitNote 4.
Notes 1. The slave transmission buffer is accessed during a data read operation (control bits: 3H, 7H).
For the
µPD72042B, this buffer corresponds to the TBF available when STRQ of the FLG register is set
to 1.
2. The slave reception buffer is accessed during a data write operation (control bits: 8H, AH, BH, EH, FH).
For the
µPD72042B, this buffer corresponds to the RBF available when SLRE of the FLG register is set
to 1.
3. The value of bit 4 can be selected by using the UAR1 register.
4. Bits 7 and 6 are currently fixed to 10 in the hardware of the
µPD72042B.
(2) Data/command transfer (control bits: Read (3H, 7H), write (AH, BH, EH, FH))
When data read (3H, 7H) is set, the data in the data buffer of the slave unit is read into the master unit.
When data write (BH, FH) or command write (AH, EH) is set, the data received by the slave unit is processed
according to the operation specifications for the slave unit.
Remarks 1. The user can select data and commands as necessary according to the system.
2. 3H, AH, and BH may cause locking, depending on the communication conditions and status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com