Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC5200 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
Electrical and Thermal Characteristics
MPC5200 Data Sheet, Rev. 4
Freescale Semiconductor
9
3.1.4
Electrostatic Discharge
CAUTION
This device contains circuitry that protects against damage due to
high-static voltage or electrical fields. However, it is advised that normal
precautions be taken to avoid application of any voltages higher than
maximum-rated voltages. Operational reliability is enhanced if unused
inputs are tied to an appropriate logic voltage level (i.e., either GND or
VCC). Table 7 gives package thermal characteristics for this device.
3.1.5
Power Dissipation
Power dissipation of the MPC5200 is caused by 3 different components: the dissipation of the internal or
core digital logic (supplied by VDD_CORE), the dissipation of the analog circuitry (supplied by
SYS_PLL_AVDD and CORE_PLL_AVDD) and the dissipation of the IO logic (supplied by
VDD_IO_MEM and VDD_IO). Table 6 details typical measured core and analog power dissipation
figures for a range of operating modes. However, the dissipation due to the switching of the IO pins can
not be given in general, but must be calculated by the user for each application case using the following
formula
DRV8_OD
VDD_IO = 3.3V
-
8
mA
D3.27
DRV16_MEM
VDD_IO_MEM = 3.3V
16
16
mA
D3.28
DRV16_MEM
VDD_IO_MEM = 2.5V
16
16
mA
D3.29
PCI
VDD_IO = 3.3V
16
16
mA
D3.30
Table 5. ESD and Latch-Up Protection Characteristics
Sym
Rating
Min
Max
Unit
SpecID
VHBM Human Body Model (HBM)—JEDEC JESD22-A114-B
2000
V
D4.1
VMM
Machine Model (MM)—JEDEC JESD22-A115
200
V
D4.2
VCDM Charge Device Model (CDM)—JEDEC JESD22-C101
500
V
D4.3
ILAT
Latch-up Current at TA=85
oC
positive
negative
+100
-100
—mA
D4.4
ILAT
Latch-up Current at TA=27
oC
positive
negative
+200
-200
—mA
D4.5
Table 4. Drive Capability of MPC5200 Output Pins (continued)
Driver Type
Supply Voltage
IOH
IOL
Unit
SpecID
PIO PIOint
N
M
+
CVDD_IO
2
f
×
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com