Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC5200 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC5200
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC5200 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5200 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
Electrical and Thermal Characteristics
MPC5200 Data Sheet, Rev. 4
Freescale Semiconductor
19
Notes:
1) The frequency of IP_CLK depends on register settings in Clock Distribution Module. See the MPC5200 User Manual [1].
2) The interrupt latency descriptions in the table above are related to non competitive, non masked but enabled external
interrupt sources. Take care of interrupt prioritization which may increase the latencies.
Since all external interrupt signals are synchronized into the internal processor bus clock domain, each of
these signals has to exceed a minimum pulse width of more than one IP_CLK cycle.
NOTES:
1) The frequency of the IP_CLK depends on the register settings in Clock Distribution Module. See the MPC5200 User Manual
[1] for further information.
2) If the same interrupt occurs a second time while its interrupt service routine has not cleared the former one, the second
interrupt will not be recognized at all.
Besides synchronization, prioritization, and mapping the latency of an external interrupt to the start of its
associated interrupt service routine also depends on the following conditions: To get a minimum interrupt
service response time, it is recommended to enable the instruction cache and set up the maximum core
clock, XL bus, and IP bus frequencies (depending on board design and programming). In addition, it is
advisable to execute an interrupt handler, which has been implemented in assembly code.
Standard GPIO Interrupts
GPIO_PSC3_4
12
IP_CLK
normal (int)
A4.7
GPIO_PSC3_5
12
IP_CLK
normal (int)
A4.8
GPIO_PSC3_8
12
IP_CLK
normal (int)
A4.9
GPIO_USB_9
12
IP_CLK
normal (int)
A4.10
GPIO_ETHI_4
12
IP_CLK
normal (int)
A4.11
GPIO_ETHI_5
12
IP_CLK
normal (int)
A4.12
GPIO_ETHI_6
12
IP_CLK
normal (int)
A4.13
GPIO_ETHI_7
12
IP_CLK
normal (int)
A4.14
GPIO WakeUp Interrupts
GPIO_PSC1_4
12
IP_CLK
normal (int)
A4.15
GPIO_PSC2_4
12
IP_CLK
normal (int)
A4.16
GPIO_PSC3_9
12
IP_CLK
normal (int)
A4.17
GPIO_ETHI_8
12
IP_CLK
normal (int)
A4.18
GPIO_IRDA_0
12
IP_CLK
normal (int)
A4.19
DGP_IN0
12
IP_CLK
normal (int)
A4.20
DGP_IN1
12
IP_CLK
normal (int)
A4.21
Table 17. Minimum pulse width for external interrupts to be recognized
Name
Min Pulse Width
Max Pulse Width
Reference Clock
SpecID
All external interrupts (IRQs, GPIOs)
> 1 clock cycle
—
IP_CLK
A4.22
Table 16. External interrupt latencies (continued)
Interrupt Type
Pin Name
Clock Cycles
Reference Clock
Core Interrupt
SpecID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com