Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAS1016ATB1 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS1016ATB1
Description  AM Receiver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1016ATB1 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS1016ATB1 Datasheet HTML 1Page - Micro Analog systems MAS1016ATB1 Datasheet HTML 2Page - Micro Analog systems MAS1016ATB1 Datasheet HTML 3Page - Micro Analog systems MAS1016ATB1 Datasheet HTML 4Page - Micro Analog systems MAS1016ATB1 Datasheet HTML 5Page - Micro Analog systems MAS1016ATB1 Datasheet HTML 6Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 (6)
DA1016.003
31 October, 2000
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD-VSS
-0.3
5.0
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Power Dissipation
PMAX
100
mW
Operating Temperature
TOP
-20
70
oC
Storage Temperature
TST
-40
120
oC
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 1.4V, Temperature = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Voltage
VDD
1.10
3.60
V
Current Consumption
IDD
50
200
µA
Stand-By Current
IDDoff
0.1
µA
Input Range
fIN
40
100
kHz
Sensitivity
VIN
0.001
50
mVrms
Input Levels |lIN|<0.5 µA
VIL
VIH
0.8 VDD
0.2 VDD
V
Output Current
VOL<0.2 VDD;VOH >0.8 VDD
|IOUT|
5
µA
Output Pulse
T0
65
125
ms
T1
150
220
ms
Startup Time
TStart
8
s
Output Delay Time
TDelay
50
100
ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com